Electronic Components Datasheet Search
  English  ▼

X  

2907428 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2907428
Description  Housing set upper part, complete with COMBICON headers and screw plugs for full equipping.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2907428 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2907428 Datasheet HTML 1Page - PHOENIX CONTACT 2907428 Datasheet HTML 2Page - PHOENIX CONTACT 2907428 Datasheet HTML 3Page - PHOENIX CONTACT 2907428 Datasheet HTML 4Page - PHOENIX CONTACT 2907428 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/2907428
05.11.2013   Page 2 / 5
Electronic housing - ME 12,5 OT-MSTBO SET - 2907428
Technical data
General
Housing type
Upper part
Housing material
Polyamide
Color
green
Dimensions
Constructional height
38.5 mm
Width
12.5 mm
Technical data
Connection in acc. with standard
CUL
Nominal voltage UN
300 V
Nominal current IN
12 A
AWG/kcmil
30-12
Indicator1
CUL1
Number of positions
8
Articles in set
Electronic housing - ME 12,5 OT-MSTBO GN - 2906814
Upper part of housing, for COMBICON connection, double-level.
 
 
Base strip - MSTBO 2,5/ 2-G1L - 1861057
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 2, Pitch: 5 mm, Assembly: Soldering,
Article with lateral pin exit
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com