Electronic Components Datasheet Search
  English  ▼

X  

MLX75413 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # MLX75413
Description  154dB High Dynamic Range (HDR) Automotive CMOS Image Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX75413 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  MLX75413 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX75413 Datasheet HTML 2Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
“Avocet”
154dB High Dynamic Range (HDR)
Automotive CMOS Image Sensors
MLX75411-MLX75412-MLX75413
The MLX75411-12-13 “Avocet” CMOS image sensors feature
1024x512 pixels, high sensitivity and 154dB extended high
dynamic range (HDR). The MLX75412 includes automatic
exposure (AE), automatic frame-by-frame HDR control and
optimized
screen
viewing
algorithms.
The
MLX75413
includes “Nightbrite” HDR color processing.
Applications
•
Driver assistance: lane departure warning, automatic
high
beam
control,
forward
collision
warning,
pedestrian detection, etc.
•
Night vision and Color Night Vision
•
360degree Around View and HDR Rear View
•
Day/night surveillance camera
•
Fleet management and Fleet safety camera’s
•
Stereovision
Features
•
1024x512 pixels
•
1/3” Optical format for full 1024 x 512 resolution
•
1/4” Optical format for windowed 640 x 480 resolution
•
Monochrome, RGBG, RGBi, RCCC
•
Digital 12 bit output (monochrome) and RGB888 (color)
Outperform
•
154dB High Dynamic range
•
Superior low-light sensitivity
•
Automotive operating temperature range -40°C...+125°C
•
On-Chip algorithms (MLX75412)
•
“Autobrite” automatic frame-by-frame HDR control
•
“Autoview” dynamic contrast enhancement
•
Off-Chip algorithms (MLX75413)
•
“Nightbrite” HDR color processing
Easy-to-use
•
MLX75412 (monochrome) and MLX75413 (color)
for full automatic cameras


Similar Part No. - MLX75413

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX75012 MELEXIS-MLX75012 Datasheet
1Mb / 18P
10-Channel High-Speed Universal PDIC
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
Time-of-Flight Sensor Array
MLX75030 MELEXIS-MLX75030 Datasheet
4Mb / 72P
Universal ActiveLight Sensor Interface
MLX75030CLQAAA-000RE MELEXIS-MLX75030CLQAAA-000RE Datasheet
4Mb / 72P
Universal ActiveLight Sensor Interface
MLX75030CLQAAA-000TU MELEXIS-MLX75030CLQAAA-000TU Datasheet
4Mb / 72P
Universal ActiveLight Sensor Interface
More results

Similar Description - MLX75413

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADCS-1021 HP-ADCS-1021 Datasheet
104Kb / 8P
CMOS Image Sensors
logo
Zarlink Semiconductor I...
SL2610 ZARLINK-SL2610 Datasheet
593Kb / 27P
Wide Dynamic Range Image Reject MOPLL
logo
STMicroelectronics
VL5510 STMICROELECTRONICS-VL5510 Datasheet
109Kb / 8P
High dynamic range CMOS sensor
13-Oct-2008
logo
Hamamatsu Corporation
S11661 HAMAMATSU-S11661_15 Datasheet
326Kb / 9P
CMOS area image sensors
S11105 HAMAMATSU-S11105_15 Datasheet
348Kb / 9P
CMOS linear image sensors
logo
ON Semiconductor
AP0202AT ONSEMI-AP0202AT Datasheet
1Mb / 54P
High-Dynamic Range Image Signal Processor
Rev. 4, 9/15 EN
AP0100CS ONSEMI-AP0100CS Datasheet
3Mb / 73P
High-Dynamic Range (HDR) Image Signal Processor (ISP)
Rev. 6, 1/16 EN
AP0101CS ONSEMI-AP0101CS Datasheet
2Mb / 42P
High-Dynamic Range (HDR) Image Signal Processor (ISP)
Rev. 7, 1/16 EN
AP0201AT ONSEMI-AP0201AT Datasheet
473Kb / 31P
AP0201AT High-Dynamic Range (HDR) Image Signal Processor (ISP)
October, 2019 ??Rev. 5
logo
STMicroelectronics
VG6640 STMICROELECTRONICS-VG6640 Datasheet
1Mb / 126P
Automotive 1.3 megapixel high-dynamic range image sensor
22-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com