Electronic Components Datasheet Search
  English  ▼

X  

MLX75413 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX75413
Description  154dB High Dynamic Range (HDR) Automotive CMOS Image Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX75413 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX75413 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX75413 Datasheet HTML 2Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Disclaimer:
Devices sold by Melexis are covered by the warranty and patent indemnification provisions appearing in its Term of Sale. Melexis makes no warranty, express, statutory, implied, or by
description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. Melexis reserves the right to change specifications and
prices at any time and without notice. Therefore, prior to designing this product into a system, it is necessary to check with Melexis for current information. This product is intended for use
in normal commercial applications. Applications requiring extended temperature range, unusual environmental requirements, or high reliability applications, such as military, medical life-
support or life-sustaining equipment are specifically not recommended without additional processing by Melexis for each application. The information furnished by Melexis is believed to be
correct and accurate. However, Melexis shall not be liable to recipient or any third party for any damages, including but not limited to personal injury, property damage, loss of profits, loss
of use, interrupt of business or indirect, special incidental or consequential damages, of any kind, in connection with or arising out of the furnishing, performance or use of the technical
data herein. No obligation or liability to recipient or any third party shall arise or flow out of Melexis’ rendering of technical or other services.
© 2006 Melexis NV. All rights reserved.
Email Europe and rest of the world:
Email USA :
Email Asia:
sales_europe@melexis.com
sales_usa@melexis.com
sales_asia@melexis.com
For additional information go to our website at:
Advanced Features
•
Pixel Size
5.6
•
Frame rate at full resolution
60 Hz
•
Maximum pixel rate @ internal clock rate
54Mps @ 54MHz
•
Input clock range
20MHz to 54MHz
•
Exposure time range at full resolution
at full speed
1
s—33 ms
•
Serial Command Interface
I²C
•
Video Interface
Standard 8/10/12bit parallel
with programmable HSYNC/VSYNC
•
Signal Processing
Defect pixel interpolation, FPN
correction, DC offset correction,
Dynamic contrast enhancement,
Algorithm Sharpening
•
Scanning Modes
Progressive, Subwindow,
Master/Slave operation
Linear
Autobrite
®
MLX75413 Color Night Vision
154dB Wide Dynamic Range
Original
Nightbrite™



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com