Electronic Components Datasheet Search
  English  ▼

X  

UE402 Datasheet(PDF) 2 Page - SICK AG

Part # UE402
Description  SAFETY RELAYS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

UE402 Datasheet(HTML) 2 Page - SICK AG

  UE402 Datasheet HTML 1Page - SICK AG UE402 Datasheet HTML 2Page - SICK AG UE402 Datasheet HTML 3Page - SICK AG UE402 Datasheet HTML 4Page - SICK AG UE402 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
UE402
SAFETY RELAYS
Illustration may differ
Ordering information
Type
Part no.
UE402
1023577
Other models and accessories
www.sick.com/UE402
Detailed technical data
Safety-related parameters
Safety integrity level
SIL3 (IEC 61508)
SILCL3 (EN 62061)
Category
Category 4 (EN ISO 13849)
Performance level
PL e (EN ISO 13849)
PFHD (mean probability of a dangerous fail-
ure per hour)
15 x 10-9 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Functions
Bypass
✔
Operating mode switching
✔
PSDI mode
✔
Electrical data
Protection class
III (IEC 536:1976)
Supply voltage VS
24 V DC (19.2 V DC ... 28.8 V DC) 1)
Residual ripple
10 % 2)
Power consumption
≤ 110 mA
Switch-on time
≤ 4 s
IN A1 ... A6, MCC-BDC, MCC-TDC
ON state, switching voltage HIGH 24 V DC (11 V DC ... 30 V DC)
OFF state, switching voltage LOW –30 V DC ... 5 V DC
Input current HIGH 6 mA ... 20 mA
Input current LOW –3 mA ... 0.5 mA
IN B1, IN B2, OUT B1, OUT B2
1) The external voltage supply must be capable of buffering brief mains voltage failures of 20 ms as specified in EN 60204-1. Suitable power supplies are available as
accessories from SICK.
2) Within the limits of VS.
2
SENS:CONTROL - SAFE CONTROL SOLUTIONS | SICK
Online data sheet | 2018-09-06 10:28:27
Subject to change without notice



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com