Electronic Components Datasheet Search
  English  ▼

X  

UE402 Datasheet(PDF) 3 Page - SICK AG

Part # UE402
Description  SAFETY RELAYS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

UE402 Datasheet(HTML) 3 Page - SICK AG

  UE402 Datasheet HTML 1Page - SICK AG UE402 Datasheet HTML 2Page - SICK AG UE402 Datasheet HTML 3Page - SICK AG UE402 Datasheet HTML 4Page - SICK AG UE402 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UE402
SAFETY RELAYS
Bypass change over time ≤ 2 s
Synchronous time monitoring ≤ 200 ms
1) The external voltage supply must be capable of buffering brief mains voltage failures of 20 ms as specified in EN 60204-1. Suitable power supplies are available as
accessories from SICK.
2) Within the limits of VS.
Mechanical data
Dimensions (W x H x D)
22.5 mm x 99 mm x 114.5 mm
Weight
+ 120 g
Ambient data
Enclosure rating
IP20 (IEC 60529)
Ambient operating temperature
0 °C ... +55 °C
Storage temperature
–25 °C ... +70 °C
Classifications
ECl@ss 5.0
27371990
ECl@ss 5.1.4
27371990
ECl@ss 6.0
27371819
ECl@ss 6.2
27371819
ECl@ss 7.0
27371819
ECl@ss 8.0
27371819
ECl@ss 8.1
27371819
ECl@ss 9.0
27371819
ETIM 5.0
EC001449
ETIM 6.0
EC001449
UNSPSC 16.0901
41113704
2018-09-06 10:28:27 | Online data sheet
Subject to change without notice
SENS:CONTROL - SAFE CONTROL SOLUTIONS | SICK
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com