Electronic Components Datasheet Search
  English  ▼

X  

SS22BF Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SS22BF
Description  Surface Mount Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SS22BF Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SS22BF Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SS22BF Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SS22BF Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Reverse Voltage - 20 to 200V
Forward Current - 2.0A
FEATURES
• Metal silicon junction, majority carrier conduction
• For surface mounted applications
• Low power loss, high efficiency
• High forward surge current capability
• For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Absolute Maximum Ratings and Electrical characteristics
Ratings at
ambient temperature unless otherwise specified.Single phase, half wave, 60Hz resistive or inductive load,
for capacitive load, derate by 20 %
25
°C
MECHANICAL DATA
pprox. Weight: 57
• Case: SMBF
• Terminals: Solderable per MIL-STD-750, Method 2026
• A
mg / 0.002oz
1)
Measured at 1MHz and applied reverse voltage of 4 V D.C.
2)
P.C.B. mounted with 0.5 X 0.5" (12.7 X 12.7 mm) copper pad areas.
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Simplified outline SMBF and symbol
1
2
Maximum DC Blocking Voltage
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Maximum Average Forward Rectified Current
20
40
V
14
28
V
V
2.0
0.5
5
-55 ~ +125
A
A
V
mA
°C
Units
20
40
Peak Forward Surge Current,8.3ms
Single Half Sine-wave Superimposed
on Rated Load (JEDEC method)
Max Instantaneous Forward Voltage at 2 A
Maximum DC Reverse Current
at Rated DC Reverse Voltage
Operating Junction Temperature Range
SS22BF
SS24BF
SS26BF
SS28BF
SS210BF SS212BF SS215BF SS220BF
T = 25
°C
a
T =100
°C
a
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Tj
Symbols
Tstg
Storage Temperature Range
60
42
60
80
56
80
100
100
0.55
0.70
0.85
-55 ~ +150
°C
120
120
150
105
150
200
140
200
0.95
0.3
3
45
55
70
84
65
Typical Thermal Resistance
2)
°C/W
RθJA
Typical Junction Capacitance
pF
Cj
250
1)
110
SS22BF THRU SS220BF
Surface Mount Schottky Rectifiers
http://www.trr-jx.com
version: 02


Similar Part No. - SS22BF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SS22BF CHENDA-SS22BF Datasheet
812Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS22BF YFWDIODE-SS22BF Datasheet
193Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Xian Semipower Electron...
SS22BF SEMIPOWER-SS22BF Datasheet
126Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Jiangsu High diode Semi...
SS22BF HDSEMI-SS22BF Datasheet
1Mb / 4P
SMBF Plastic-Encapsulate Diodes
logo
Zibo Seno Electronic En...
SS22BF ZSELEC-SS22BF Datasheet
87Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SS22BF

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
SL1045 JUXING-SL1045 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
SK1040XT JUXING-SK1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
SL10T150 JUXING-SL10T150 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
GSD1045S JUXING-GSD1045S Datasheet
4Mb / 2P
Surface Mount Schottky Rectifiers
MBR1040XT JUXING-MBR1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SSU13S YFWDIODE-SSU13S Datasheet
480Kb / 3P
SURFACE MOUNT SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com