Electronic Components Datasheet Search
  English  ▼

X  

SS22BF Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SS22BF
Description  Surface Mount Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SS22BF Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SS22BF Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SS22BF Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SS22BF Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.1
0
0.4
1.4
Fig.3 Typical Forward Characteristic
Instaneous Forward Voltage (V)
1.0
10
0.6
0.2
0.8
1.0
1.2
1.8
1.6
SS22BF/SS24BF
SS26BF/SS28BF
SS210BF/SS212BF
SS215BF/SS220BF
20
Fig.2 Typical Reverse Characteristics
20
40
60
80
0
T =25
J
°C
T =100
J
°C
Percent of Rated Peak Reverse Voltage
(%)
100
10 0
101
10 2
10 3
10 4
T =75
J
°C
SS22BF/SS26BF
SS28BF-SS220BF
Fig.1 Forward Current Derating Curve
0.01
100
1
10
100
Fig.6- Typical Transient Thermal Impedance
t, Pulse Duration
(sec)
0.1
1
10
Fig.4 Typical Junction Capacitance
Reverse Voltage (V)
10
0.1
10
100
500
20
100
1
1000
T =25
J
°C
200
SS22BF~SS26BF
SS28BF~SS220BF
Fig.1 Forward Current Derating Curve
0.5
1.0
1.5
2.0
2.5
3.0
0.0
25
50
75
100
125
150
Single phase half-wave 60 Hz
resistive or inductive load
Lead Temperature (
°C)
T =25
J
°C
Fig.5 Maximum Non-Repetitive Peak
Forward Surage Current
Number of Cycles at 60Hz
10
100
1
10
20
30
00
40
60
50
SS22BF-SS28BF
SS210BF-SS220BF
8.3 ms Single Half Sine Wave
(JEDEC Method)
Characteristic Curves (T =25 ℃ unless otherwise noted)
SS22BF THRU SS220BF
Surface Mount Schottky Rectifiers
http://www.trr-jx.com
version: 02



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com