Electronic Components Datasheet Search
  English  ▼

X  

2SC5452 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5452
Description  Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5452 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5452 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5452 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5452 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5452 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Triple Diffused Planar Silicon Transistor
Ultrahigh-Definition CRT Display
Horizontal Deflection Output Applications
Ordering number:EN5957A
2SC5452
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
61099TS (KOTO) TA-1384 No.5957–1/4
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2039D
[2SC5452]
Features
· High speed.
· High breakdown voltage (VCBO=1600V).
· High reliability (Adoption of HVP process).
· Adoption of MBIT process.
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-3PML
Tc=25˚C
Continued on next page.
16.0
2.0
2.8
1.0
5.6
3.1
2.0
0.6
5.45
5.45
12
3
3.4
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
0
6
1V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
0
8V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
6V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
2A
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
0
4A
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
3W
5
7W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
C
I
S
E
C
V E
C
R
,
V
0
0
6
1
=
E
B
0
=0
.
1A
m
e
g
a
t
l
o
V
n
i
a
t
s
u
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
)
s
u
s
(
O
E
C
IC
I
,
A
m
0
0
1
=
B 0
=0
0
8V
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
4
=
C 0
=0
.
1A
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
C
I
O
B
C
V B
C
I
,
V
0
0
8
=
E 0
=0
1A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F 1V E
C
I
,
V
5
=
C
A
1
=
5
10
3
h E
F 2V E
C
I
,
V
5
=
C
A
4
1
=
47


Similar Part No. - 2SC5452

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5450 SANYO-2SC5450 Datasheet
40Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
logo
Inchange Semiconductor ...
2SC5450 ISC-2SC5450 Datasheet
246Kb / 2P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
2SC5450 NJSEMI-2SC5450 Datasheet
129Kb / 2P
High Speed Switching
logo
Sanyo Semicon Device
2SC5451 SANYO-2SC5451 Datasheet
40Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5453 SANYO-2SC5453 Datasheet
41Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
More results

Similar Description - 2SC5452

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TS7992 SANYO-TS7992 Datasheet
40Kb / 3P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
TS7994 SANYO-TS7994 Datasheet
37Kb / 3P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5811 SANYO-2SC5811 Datasheet
40Kb / 3P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5506 SANYO-2SC5506 Datasheet
41Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5689 SANYO-2SC5689 Datasheet
29Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5683 SANYO-2SC5683 Datasheet
28Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5453 SANYO-2SC5453 Datasheet
41Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5681 SANYO-2SC5681 Datasheet
28Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
TT2062 SANYO-TT2062 Datasheet
481Kb / 4P
ULTRAHIGH-DEFINITION CRT DISPLAY HORIZONTAL DEFLECTION OUTPUT APPLICATIONS
2SC5639 SANYO-2SC5639 Datasheet
45Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com