Electronic Components Datasheet Search
  English  ▼

X  

2SC5452 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5452
Description  Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5452 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5452 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5452 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5452 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5452 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5452
No.5957–3/4
PC - Ta
PC - Tc
Forward Bias A S O
Reverse Bias A S O
I CP
I C
P
C =75W
D
C
operation
100
µ
s
300
µ
s
0.1
0.01
2
3
5
7
2
3
5
7
2
3
5
7
1.0
10
2
3
5
7
100
100
35 7 10
1.0
23
5 7
23
5 7
2
1000
1.0
2
3
5
7
2
3
5
2
3
5
7
10
7
2
3
5
100
7
0.1
0.01
10
1.0
35 7
1000
57
100
35 7
2
23
23
2
80
100
120
140
160
60
40
20
0
0
2.0
3.0
1.0
4.0
80
100
120
140
160
60
40
20
0
0
20
10
30
70
75
80
40
50
60
Collector-to-Emitter Voltage, VCE –V
Collector-to-Emitter Voltage, VCE –V
Ta=25
°C
Single pulse
L =100
µH
IB2=-5A
Tc=25
°C
Single pulse
Ambient Temperature, Ta –
°C
No
heat
sink
Case Temperature, Tc –
°C
SW Time - I C
SW Time - I B2
tf
tstg
tstg
2
3
5
5
7
2
3
5
7
7
1.0
0.1
7
0.1
33
57 1.0
23
5
7
10
22
0.1
2
3
5
7
7
1.0
2
3
5
7
10
1.0
0.1
35
7
10
2
35
7
72
2
Collector Current, IC –A
VCC=200V
IC/IB1=6
IB2/IB1=2.5
R load
Base Current, IB2 –A
VCC=200V
IC=12A
IB1=2A
R load



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com