Electronic Components Datasheet Search
  English  ▼

X  

SSC2102S Datasheet(PDF) 13 Page - Sanken electric

Part # SSC2102S
Description  Discontinuous Conduction Mode (DCM) Interleaved PFC IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2102S Datasheet(HTML) 13 Page - Sanken electric

Back Button SSC2102S Datasheet HTML 9Page - Sanken electric SSC2102S Datasheet HTML 10Page - Sanken electric SSC2102S Datasheet HTML 11Page - Sanken electric SSC2102S Datasheet HTML 12Page - Sanken electric SSC2102S Datasheet HTML 13Page - Sanken electric SSC2102S Datasheet HTML 14Page - Sanken electric SSC2102S Datasheet HTML 15Page - Sanken electric SSC2102S Datasheet HTML 16Page - Sanken electric SSC2102S Datasheet HTML 17Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
SSC2102S
SSC2102S-DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
13
Dec. 08, 2014
2) When both VOUT1 and VOUT2 are High, the output
which is set to High ahead is set to Low as shown
in Figure 8-15。.
0
IS pin voltage
OUT2 pin
voltage, VOUT2
OUT1 pin
voltage, VOUT1
VIS(OCPL)
0
0
Figure 8-15 OCP operation by VIS(OCPL)
(Both VOUT1 and VOUT2 are High)
 IS Pin Overcurrent Protection Threshold Voltage
(High):VIS(OCPH)
This protection operates on such abnormal conditions
as the inductor is shorted or is saturated. When the
inductor current of L1 and L2 increases abnormally
and IS terminal voltage decreases to VIS(OCPH) = − 0.55
V or less, the control circuit sets both VOUT1 and
VOUT2 to Low on pulse-by-pulse basis as shown in
Figure 8-16.
0
IS pin voltage
OUT2 pin voltage,
VOUT2
OUT1 pin voltage,
VOUT1
VIS(OCPH)
0
0
Figure 8-16 OCP operation by VIS(OCPH)
8.7 Overvoltage Protection (OVP)
Figure 8-17 shows VFB pin peripheral circuit and
Figure 8-18 shows the operational waveforms of
Overvoltage Protection (OVP).
The output overvoltage is detected by using VFB pin.
There are two threshold voltages, VFB(SOVP) for Soft
Overvoltage Protection (SOVP) and VFB(OVP) for OVP.
The operations are shown below.
C1
L1
C2
ROUT2
VOUT
Q1
D1
RCS
LINE
GND
L2
Q2
D2
CP
CS
RS
ROUT1
GND
VFB
COMP
6
3
1
U1
CFB
ICOMP(SI)
Figure 8-17 VFB pin peripheral circuit
VFB pin voltage
OUT1 pin voltage,
VOUT1
COMP pin current
ICOMP(SK)
VFB(SOVP)
VFB(OVP)
VFB(REF)
OUT2 pin voltage,
VOUT2
Figure 8-18 Operational waveform of OVP
 Soft Overvoltage Protection (SOVP)
When VFB pin voltage increases to VFB(SOVP) = 3.68
V, Soft Overvoltage Protection (SOVP) is activated.
Thus, COMP pin is discharged by ICOMP(SI) = 100 μA
and the output voltage is decreased.
VFB(SOVP) is equivalent to about 105% of the rated
output voltage. The output voltage, which operates
SOVP, is calculated approximately as follows.
)
SOVP
(
FB
FB(REF)
OUT
)
SOVP
(
OUT
V
V
V
V
(V)
(8-3)
where,
VOUT
:Output voltage in normal operatioin
VFB(REF) :Error AMP reference voltage, 3.5 V
 Overvoltage Protection (OVP)
When VFB pin voltage increases to VFB(OVP) = 3.72 V,
Overvoltage Protection (OVP) is activated. And thus
both OUT1 and OUT2 are set to Low. When VFB pin
voltage decreases to VFB(SOVP), the control circuit
deactivate both OVP and SOVP, and reverts to
switching operation. VFB(OVP) is equivalent to about
106 % of the rated output voltage. The output voltage,
which operates OVP, is calculated approximately as
follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com