Electronic Components Datasheet Search
  English  ▼

X  

SSC2102S Datasheet(PDF) 3 Page - Sanken electric

Part # SSC2102S
Description  Discontinuous Conduction Mode (DCM) Interleaved PFC IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2102S Datasheet(HTML) 3 Page - Sanken electric

  SSC2102S Datasheet HTML 1Page - Sanken electric SSC2102S Datasheet HTML 2Page - Sanken electric SSC2102S Datasheet HTML 3Page - Sanken electric SSC2102S Datasheet HTML 4Page - Sanken electric SSC2102S Datasheet HTML 5Page - Sanken electric SSC2102S Datasheet HTML 6Page - Sanken electric SSC2102S Datasheet HTML 7Page - Sanken electric SSC2102S Datasheet HTML 8Page - Sanken electric SSC2102S Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SSC2102S
SSC2102S-DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
3
Dec. 08, 2014
1.
Absolute Maximum Ratings
The polarity value for current specifies a sink as "+," and a source as "−," referencing the IC.
Unless otherwise specified T
A = 25 °C
Parameter
Symbol
Test Conditions
Pins
Rating
Units
COMP Pin Voltage
VCOMP
1 – 6
− 0.3 to 5.5
V
VIN Pin Voltage
VIN
2 – 6
− 0.3 to 5.5
V
VIN Pin Current
IIN
2 – 6
− 1 to 1
mA
VFB Pin Voltage
VFB
3 – 6
− 0.3 to 5.5
V
VFB Pin Current
IFB
3 – 6
− 1 to 1
mA
VCC Pin Voltage
VCC
4 – 6
− 0.3 to 30
V
OUT2 Pin Voltage
VDR2
5 – 6
− 0.3 to 30
V
OUT1 Pin Voltage
VDR1
7 – 6
− 0.3 to 30
V
IS Pin Voltage
VIS
8 – 6
− 16.0 to 5.5
V
IS Pin Current
IIS
8 – 6
− 1.75 to 1
mA
Operating Frame Temperature
TFOP
−
− 40 to 85
°C
Storage Temperature
Tstg
− 40 to 125
°C
Junction Temperature
Tj
−
− 40 to 125
°C
2.
Electrical Characteristics
The polarity value for current specifies a sink as "+," and a source as "−," referencing the IC.
Unless otherwise specified, T
A = 25 °C, VCC =15 V
Parameter
Symbol
Test
Conditions
Pins
Min.
Typ.
Max.
Units
Power Supply Startup Operation
Operation Start Voltage
VCC(ON)
4 – 6
10.8
11.6
12.4
V
Operation Stop Voltage
VCC(OFF)
4 – 6
9.8
10.6
11.4
V
VCC Pin Voltage Hysteresis
VCC(HYS)
4 – 6
0.8
1.0
1.2
V
Circuit Current in
Pre-operation
ICC(OFF)
VCC = 11 V
4 – 6
−
40
100
µA
Circuit Current in Operation
ICC(ON)
4 – 6
−
11.0
15.0
mA
Circuit Current in Overvoltage
Protection Operation
ICC(OVP)
VFB = 3.9 V
4 – 6
−
8.0
10.0
mA
Circuit Current in Standby
Operation
ICC(Standby)
VFB = 0.5 V
4 – 6
−
100
200
μA
Oscillation Control
OUT1 Pin Maximum ON
Time
tONMAX
7 – 6
19.2
20.7
22.2
μs
On-time matching between
OUT1 and OUT1
tRATIO
5 – 6
7 – 6
− 5
0
5
%
OUT1 Pin and OUT2 pin
Phase Difference
PHASE
5 – 6
7 – 6
170
180
190
deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com