Electronic Components Datasheet Search
  English  ▼

X  

2305321 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2305321
Description  CABLE-FLK20/OE/0,14/ 200
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2305321 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2305321 Datasheet HTML 1Page - PHOENIX CONTACT 2305321 Datasheet HTML 2Page - PHOENIX CONTACT 2305321 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 3
http://www.phoenixcontact.de
Feb 2, 2011
Extract from the online
catalog
 
CABLE-FLK20/OE/0,14/ 200
Order No.: 2305321
The illustration shows a 50-pos. version
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2305321
 
 
Round cable assembled with a 20-pos. socket strip and an open end.
On the open end, the wires are labeled with 1 to 20 and have ferrules,
cable length: 2 m
 
Commercial data
GTIN (EAN)
4
046356
039000
sales group
I680
Pack
1 pcs.
Customs tariff
85444290
Catalog page information
Page 261 (IF-2009)
Product notes
WEEE/RoHS-compliant since:
12/20/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Nominal voltage UN
< 50 V AC
60 V DC
Max. current carrying capacity per path
1 A
Max. conductor resistance
0.16 Ω/m


Similar Part No. - 2305321

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2305305 PHOENIX-2305305 Datasheet
92Kb / 3P
Round cable assembled with a 20-pos.
2305318 PHOENIX-2305318 Datasheet
93Kb / 3P
Round cable assembled with a 20-pos.
2305334 PHOENIX-2305334 Datasheet
54Kb / 3P
Connector according to IEC 60603-13
2305347 PHOENIX-2305347 Datasheet
54Kb / 3P
Round cable assembled with a 20-pos. socket strip and an open end. On the open end, the wires are labeled with 1 to 20 and have ferrules, cable length: 3 m
2305350 PHOENIX-2305350 Datasheet
85Kb / 7P
Cable - CABLE-FLK50/OE/0,14/ 100
09/12/2020
More results

Similar Description - 2305321

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2904073 PHOENIX-2904073 Datasheet
48Kb / 3P
Cable - CABLE-FLK10/OE/0,14/ 0,5M
2904074 PHOENIX-2904074 Datasheet
48Kb / 3P
Cable - CABLE-FLK10/OE/0,14/ 1,0M
2904075 PHOENIX-2904075 Datasheet
48Kb / 3P
Cable - CABLE-FLK10/OE/0,14/ 1,5M
2904076 PHOENIX-2904076 Datasheet
48Kb / 3P
Cable - CABLE-FLK10/OE/0,14/ 2,0M
2904077 PHOENIX-2904077 Datasheet
48Kb / 3P
Cable - CABLE-FLK10/OE/0,14/ 2,5M
2904078 PHOENIX-2904078 Datasheet
48Kb / 3P
Cable - CABLE-FLK10/OE/0,14/ 3,0M
2904079 PHOENIX-2904079 Datasheet
48Kb / 3P
Cable - CABLE-FLK10/OE/0,14/ 4,0M
2904080 PHOENIX-2904080 Datasheet
48Kb / 3P
Cable - CABLE-FLK10/OE/0,14/ 6,0M
2904081 PHOENIX-2904081 Datasheet
48Kb / 3P
Cable - CABLE-FLK10/OE/0,14/ 8,0M
2305350 PHOENIX-2305350 Datasheet
85Kb / 7P
Cable - CABLE-FLK50/OE/0,14/ 100
09/12/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com