Electronic Components Datasheet Search
  English  ▼

X  

2305321 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2305321
Description  CABLE-FLK20/OE/0,14/ 200
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2305321 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2305321 Datasheet HTML 1Page - PHOENIX CONTACT 2305321 Datasheet HTML 2Page - PHOENIX CONTACT 2305321 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CABLE-FLK20/OE/0,14/ 200 Order No.: 2305321
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2305321
PHOENIX CONTACT Deutschland GmbH
Page 2 / 3
http://www.phoenixcontact.de
Feb 2, 2011
Ambient temperature (operation)
-20 °C ... 50 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Number of positions
20
Number of positions, control side
20
Number of connectors, control side
0
Number of positions, module side
20
Number of connectors, modul side
1
Fixed cable length
2 m
Single wire, cross section
0.14 mm²
AWG
26
Conductor construction: Number of litz wires:
7
Single wire, material
Cu tin-plated
Test voltage
0.8 kV
External diameter
7.6 mm
Cable, preassembly
Insulation displacement, IEC 60352-4/DIN EN 60352-4
Shielding
no
Certificates / Approvals
Certification
CUL, UL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com