Electronic Components Datasheet Search
  English  ▼

X  

AD9510 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9510
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9510_16 Datasheet HTML 35Page - Analog Devices AD9510_16 Datasheet HTML 36Page - Analog Devices AD9510_16 Datasheet HTML 37Page - Analog Devices AD9510_16 Datasheet HTML 38Page - Analog Devices AD9510_16 Datasheet HTML 39Page - Analog Devices AD9510_16 Datasheet HTML 40Page - Analog Devices AD9510_16 Datasheet HTML 41Page - Analog Devices AD9510_16 Datasheet HTML 42Page - Analog Devices AD9510_16 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Data Sheet
AD9510
Rev. C | Page 39 of 56
SINGLE-CHIP SYNCHRONIZATION
SYNCB—Hardware SYNC
The AD9510 clocks can be synchronized to each other at any
time. The outputs of the clocks are forced into a known state
with respect to each other and then allowed to continue clocking
from that state in synchronicity. Before a synchronization is
done, the FUNCTION Pin must be set to act as the SYNCB:
Register 0x58[6:5] = 01b input (Register 0x58[6:5] = 01b).
Synchronization is done by forcing the FUNCTION pin low,
creating a SYNCB signal and then releasing it.
See the SYNCB: Register 0x58[6:5] = 01b section for a more
detailed description of what happens when the SYNCB:
Register 0x58[6:5] = 01b signal is issued.
Soft SYNC—Register 0x58[2]
A soft SYNC can be issued by means of a bit in Registers 0x58[2].
This soft SYNC works the same as the SYNCB, except that the
polarity is reversed. A 1 written to this bit forces the clock outputs
into a known state with respect to each other. When a 0 is
subsequently written to this bit, the clock outputs continue
clocking from that state in synchronicity.
MULTICHIP SYNCHRONIZATION
The AD9510 provides a means of synchronizing two or more
AD9510s. This is not an active synchronization; it requires user
monitoring and action. The arrangement of two AD9510s to be
synchronized is shown in Figure 43.
Synchronization of two or more AD9510s requires a fast clock
and a slow clock. The fast clock can be up to 1 GHz and can be
the clock driving the master AD9510 CLK1 input or one of the
outputs of the master. The fast clock acts as the input to the
distribution section of the slave AD9510 and is connected to its
CLK1 input. The PLL can be used on the master, but the slave
PLL is not used.
The slow clock is the clock that is synchronized across the two
chips. This clock must be no faster than one-fourth of the fast
clock, and no greater than 250 MHz. The slow clock is taken
from one of the outputs of the master AD9510 and acts as the
REFIN (or CLK2) input to the slave AD9510. One of the outputs
of the slave must provide this same frequency back to the CLK2
(or REFIN) input of the slave.
Multichip synchronization is enabled by writing
Register 0x58[0] = 1 on the slave AD9510. When this bit is set,
the STATUS pin becomes the output for the SYNC signal. A low
signal indicates an in-sync condition, and a high indicates an
out-of-sync condition.
Register 0x58[1] selects the number of fast clock cycles that are
the maximum separation of the slow clock edges that are con-
sidered synchronized. When Register 0x58[1] = 0 (default), the
slow clock edges must be coincident within 1 to 1.5 high speed
clock cycles. If the coincidence of the slow clock edges is closer
than this amount, the SYNC flag stays low. If the coincidence of
the slow clock edges is greater than this amount, the SYNC flag
is set high. When Register 0x58[1] = 1b, the amount of coincidence
required is 0.5 fast clock cycles to 1 fast clock cycles.
Whenever the SYNC flag is set high, indicating an out-of-sync
condition, a SYNCB signal applied simultaneously at the
FUNCTION pins of both AD9510s brings the slow clocks into
synchronization.
Figure 43. Multichip Synchronization
AD9510
MASTER
FAST CLOCK
<1GHz
SLOW CLOCK
<250MHz
AD9510
SLAVE
FAST CLOCK
<1GHz
SLOW
CLOCK
<250MHz
SYNC
DETECT
CLK2
REFIN
OUTY
OUTM
OUTN
FSYNC
FSYNC
STATUS
(SYNC)
FUNCTION
(SYNCB)
FUNCTION
(SYNCB)
SYNCB
CLK1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com