Electronic Components Datasheet Search
  English  ▼

X  

AD9558BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9558BCPZ
Description  Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD9558BCPZ Datasheet HTML 1Page - Analog Devices AD9558BCPZ Datasheet HTML 2Page - Analog Devices AD9558BCPZ Datasheet HTML 3Page - Analog Devices AD9558BCPZ Datasheet HTML 4Page - Analog Devices AD9558BCPZ Datasheet HTML 5Page - Analog Devices AD9558BCPZ Datasheet HTML 6Page - Analog Devices AD9558BCPZ Datasheet HTML 7Page - Analog Devices AD9558BCPZ Datasheet HTML 8Page - Analog Devices AD9558BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 105 page
background image
Data Sheet
AD9558
Rev. C | Page 5 of 105
SPECIFICATIONS
Minimum (min) and maximum (max) values apply for the full range of supply voltage and operating temperature variations. Typical (typ)
values apply for AVDD3 = DVDD_I/O = 3.3 V; AVDD = DVDD = 1.8 V; TA= 25°C, unless otherwise noted.
SUPPLY VOLTAGE
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY VOLTAGE
DVDD3
3.135
3.30
3.465
V
DVDD
1.71
1.80
1.89
V
AVDD3
3.135
3.30
3.465
V
AVDD
1.71
1.80
1.89
V
SUPPLY CURRENT
The test conditions for the maximum (max) supply current are the same as the test conditions for the All Blocks Running parameter of
Table 3. The test conditions for the typical (typ) supply current are the same as the test conditions for the Typical Configuration parameter
of Table 3.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT FOR TYPICAL
CONFIGURATION
Typical numbers are for the typical configuration listed
in Table 3
IDVDD3
12
19
26
mA
Pin 45, Pin 46, Pin 51, Pin 52, Pin 64
IDVDD
12
20
28
mA
Pin 6, Pin 55, Pin 56
IAVDD3
50
70
92
mA
Pin 25, Pin 26, Pin 31
IAVDD
152
230
305
mA
Pin 7, Pin 10, Pin 12, Pin 17, Pin 22, Pin 29, Pin 30, Pin 35,
Pin 37, Pin 38
SUPPLY CURRENT FOR THE ALL BLOCKS
RUNNING CONFIGURATION
Maximum numbers are for all blocks running configuration
in Table 3
IDVDD3
23
34
46
mA
Pin 45, Pin 46, Pin 51, Pin 52, Pin 64
IDVDD
11
22
32
mA
Pin 6, Pin 55, Pin 56
IAVDD3
73
108
143
mA
Pin 25, Pin 26, Pin 31
IAVDD
168
250
331
mA
Pin 7, Pin 10, Pin 12, Pin 17, Pin 22, Pin 29, Pin 30, Pin 35,
Pin 37, Pin 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com