Electronic Components Datasheet Search
  English  ▼

X  

HMC911 Datasheet(PDF) 6 Page - Analog Devices

Part # HMC911
Description  Broadband Analog Time Delay to 24 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC911 Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC911 Datasheet HTML 2Page - Analog Devices HMC911 Datasheet HTML 3Page - Analog Devices HMC911 Datasheet HTML 4Page - Analog Devices HMC911 Datasheet HTML 5Page - Analog Devices HMC911 Datasheet HTML 6Page - Analog Devices HMC911 Datasheet HTML 7Page - Analog Devices HMC911 Datasheet HTML 8Page - Analog Devices HMC911 Datasheet HTML 9Page - Analog Devices HMC911 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
HMC911
Data Sheet
Rev. B | Page 6 of 13
INTERFACE SCHEMATICS
GND
Figure 3. GND Interface Schematic
INP,
INN
VEE
VCC
50Ω
Figure 4. INP and INN Interface Schematic
250Ω
20kΩ
EN
VEE
VCC
Figure 5. EN Interface Schematic
GND
VEE
Figure 6. VEE Interface Schematic
VDCP,
VDCN
VEE
VCC
50Ω
Figure 7. VDCP and VDCN Interface Schematic
VAC
VCC
VEE
Figure 8. VAC Interface Schematic
VCC
VEE
QP,
QN
50Ω
Figure 9. QN and QP Interface Schematic
GND
VCC
Figure 10. VCC Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com