Electronic Components Datasheet Search
  English  ▼

X  

HMC911 Datasheet(PDF) 9 Page - Analog Devices

Part # HMC911
Description  Broadband Analog Time Delay to 24 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC911 Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC911 Datasheet HTML 5Page - Analog Devices HMC911 Datasheet HTML 6Page - Analog Devices HMC911 Datasheet HTML 7Page - Analog Devices HMC911 Datasheet HTML 8Page - Analog Devices HMC911 Datasheet HTML 9Page - Analog Devices HMC911 Datasheet HTML 10Page - Analog Devices HMC911 Datasheet HTML 11Page - Analog Devices HMC911 Datasheet HTML 12Page - Analog Devices HMC911 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet
HMC911
Rev. B | Page 9 of 13
FREQUENCY (GHz)
+85°C
+25°C
–40°C
200
250
300
350
400
500
450
2468
10
12
14
16
18
20
22
24
VAC = 2.6V
VDCP = VDCN = 3.3V
VCC = 3.3V
Figure 23. Single-Ended Output Voltage Swing vs. Frequency for Various
Temperatures
DIFFERENTIAL DELAY CONTROL VOLTAGE (V)
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
+85°C
+25°C
–40°C
VAC = 2.6V
VDCN = 3.3V
VCC = 3.3V
Figure 24. RMS Jitter vs. Differential Delay Control Voltage at 18 GHz for
Various Temperatures, Differential Control Voltage Represents VDCP − VDCN
Voltage on the X-Axis
DIFFERENTIAL DELAY CONTROL VOLTAGE (V)
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
+85°C
+25°C
–40°C
8
10
12
14
16
18
VAC = 2.6V
VDCN = 3.3V
VCC = 3.3V
Figure 25. Rise Time vs. Differential Delay Control Voltage, Differential Control
Voltage Represents VDCP − VDCN Voltage on the X-Axis, Input Data Rate =
22.5 Gbps, PRBS 233 − 1
DIFFERENTIAL DELAY CONTROL VOLTAGE (V)
5GHz
14GHz
22GHz
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
200
250
300
350
400
500
450
VAC = 2.6V
VDCP = VDCN = 3.3V
VCC = 3.3V
Figure 26. Single-Ended Output Voltage Swing vs. Differential Delay Control
Voltage, Differential Control Voltage Represents VDCP − VDCN Voltage on the
X-Axis
DIFFERENTIAL DELAY CONTROL VOLTAGE (V)
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
3.13V
3.30V
3.47V
VAC = 2.6V
VDCN = 3.3V
VCC = 3.3V
Figure 27. RMS Jitter vs. Differential Delay Control Voltage at 18 GHz for
Various Voltages, Differential Control Voltage Represents VDCP − VDCN Voltage
on the X-Axis
DIFFERENTIAL DELAY CONTROL VOLTAGE (V)
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
+85°C
+25°C
–40°C
8
10
12
14
16
18
VAC = 2.6V
VDCN = 3.3V
VCC = 3.3V
Figure 28. Fall Time vs. Differential Delay Control Voltage, Differential Control
Voltage Represents VDCP − VDCN Voltage on the X-Axis, Input Data Rate =
22.5 Gbps, PRBS 233 − 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com