Electronic Components Datasheet Search
  English  ▼

X  

HES16MC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HES16MC
Description  16 and 26-Port Rackmount Managed Ethernet Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HES16MC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HES16MC Datasheet HTML 1Page - List of Unclassifed Manufacturers HES16MC Datasheet HTML 2Page - List of Unclassifed Manufacturers HES16MC Datasheet HTML 3Page - List of Unclassifed Manufacturers HES16MC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The HES16MC/26MC are standalone 16 and 26-port Rackmount managed Ethernet switches. With their advanced RingOn technology
(recovery time < 15 ms) and RSTP/STP, the HES16MC/26MC switches increase the reliability and availability of your industrial Ethernet
network. Models with an wide operating temperature range from -40 to +75°C are also available, and the switches support several reliable
and intelligent functions, including SNMP Inform, QoS, IGMP snooping, VLAN, IEEE 802.1X, HTTPS, SNMPv3, and SSH, making the
HES16MC/26MC switches suitable for any harsh industrial environment.
Introduction
Tel: 860-487-9869
www.henrich-inc.com
HES16MC/26MC Series HE0001DU1026ds - 2/3
©2013 Henrich Corporation. All rights reserved
Specifications
Technology
Standard :
IEEE802.3, 802.3u, 802.3x, 802.1Q,
802.1p
Processing Type :
Store and forward
Broadcast Storm :
Automatic Broadcast Storm Control
Management :
by Web Browser
RingOn :
Recovery Time within 15ms
Flow Control :
Full Duplex Flow Control, Half Duplex
Back Pressure Control
Protocols :
SNMP V1/V2c/V3, RingOn/RingOpen,
HTTP/HTTPS, LLDP, DHCP Client,
IGMP Snooping/GMRP, Telent, Syslog
Switch Properties
MAC Table Size :
8K
Priority Queues :
4
Max. Number VLANs : 64
VLAN ID Range :
VID 1 to 4094
IGMP Groups :
256
Environment Limits
Operating Temp. :
Standard Models: -10 to 60˚C
Wide Temp. Models: -40 to 75˚C
Storage Temp. :
-40 to 85˚C
Ambient Relative
Humidity :
5 to 95%(Non-condensing)
Interface
RJ45 Port :
10/100BaseT(X) auto negotiation
speed, Full/Half duplex mode, and auto
MDI/MDI-X connection
Fiber Ports :
100BaseFX ports (SC/ST connector)
LED Indicators :
Power, Port Status
Console port :
DB9 male
Output Warning :
Relay, Standard 2 Pin
Power Requirements
Input Voltage :
HES16MC:
120~370VDC @ 20W MAX
85~265VAC @ 20VA MAX
HES26MC:
120~370VDC @ 30W MAX
85~265VAC @ 30VA MAX
Input Connection :
Barrier type terminal blocks
Physical Characteristics
Case :
Slim Metal Case, IP30 Design
Dimensions :
443×44×260mm
Installation :
DIN Rail or Panel Mounting
Optical Fiber
Mode
Multi-mode
Single Mode
Transmission
Distance
2km
20km
Centre
Wavelength
1310nm
1310nm
Cable
Size
62.5/125um
9/125um
TX
Power(dBm)
-20~-10dBm
-15~-8dBm
RX
Power(dBm)
< -32dBm
< -32dBm
Transmission Rate
100Mbps
100Mbps
Standards and Certifications
EMI :
FCC Part15, CISPR(EN55022) Class A
EMS :
EN61000-4-2(ESD) Level 3,
EN61000-4-3(RS) Level 3,
EN61000-4-4(EFT) Level 3,
EN61000-4-5(Surge) Level 3,
EN61000-4-6(CS) Level 3,
EN61000-6-2
Shock :
IEC 60068-2-27
Freefall :
IEC 60068-2-32
Vibration :
IEC 60068-2-6
Warranty
Warranty Period :
3 years



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com