Electronic Components Datasheet Search
  English  ▼

X  

HES16MC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HES16MC
Description  16 and 26-Port Rackmount Managed Ethernet Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HES16MC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HES16MC Datasheet HTML 1Page - List of Unclassifed Manufacturers HES16MC Datasheet HTML 2Page - List of Unclassifed Manufacturers HES16MC Datasheet HTML 3Page - List of Unclassifed Manufacturers HES16MC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel: 860-487-9869
www.henrich-inc.com
HES16MC/26MC Series HE0001DU1026ds - 3/3
©2013 Henrich Corporation. All rights reserved
Ordering Information
HES16MC
HES16MC-VH
Rackmount Managed, 16 x 100Mbps Copper Port, Industrial Temperature -10°C to +60°C, Power Input
120~370VDC or 85~264VAC
HES16MC-VHW
Rackmount Managed, 16 x 100Mbps Copper Port, Industrial Wide Temperature -40°C to +75°C, Power Input
120~370VDC or 85~264VAC
HES16MC-2SC-VH
Rackmount Managed, 14 x 100Mbps Copper Port, 2 x 100Mbps Multi-Mode Fiber Port with SC
connectors, 2KM, Industrial Temperature -10°C to +60°C, Power Input 120~370VDC or 85~264VAC
HES16MC-2SC-VHW
Rackmount Managed, 14 x 100Mbps Copper Port, 2 x 100Mbps Multi-Mode Fiber Port with SC
connectors, 2KM, Industrial Wide Temperature -40°C to +75°C, Power Input 120~370VDC or 85~264VAC
HES16MC-2SSC-VH
Rackmount Managed, 14 x 100Mbps Copper Port, 2 x 100Mbps Single-Mode Fiber Port with SC
connectors, 20KM, Industrial Temperature -10°C to +60°C, Power Input 120~370VDC or 85~264VAC
HES16MC-2SSC-VHW
Rackmount Managed, 14 x 100Mbps Copper Port, 2 x 100Mbps Single-Mode Fiber Port with SC
connectors, 20KM, Industrial Wide Temperature -40°C to +75°C, Power Input 120~370VDC or 85~264VAC
HES16MC-4SC-VH
Rackmount Managed, 12 x 100Mbps Copper Port, 4 x 100Mbps Multi-Mode Fiber Port with SC connectors,
2KM, Industrial Temperature -10°C to +60°C, Power Input 120~370VDC or 85~264VAC
HES16MC-4SC-VHW
Rackmount Managed, 12 x 100Mbps Copper Port, 4 x 100Mbps Multi-Mode Fiber Port with SC connectors,
2KM, Industrial Wide Temperature -40°C to +75°C, Power Input 120~370VDC or 85~264VAC
HES16MC-4SSC-VH
Rackmount Managed, 12 x 100Mbps Copper Port, 4 x 100Mbps Single-Mode Fiber Port with SC connectors,
20KM, Industrial Temperature -10°C to +60°C, Power Input 120~370VDC or 85~264VAC
HES16MC-4SSC-VHW
Rackmount Managed, 12 x 100Mbps Copper Port, 4 x 100Mbps Single-Mode Fiber Port with SC connectors,
20KM, Industrial Wide Temperature -40°C to +75°C, Power Input 120~370VDC or 85~264VAC
HES26MC
HES26MC-VH
Rackmount Managed, 26 x 100Mbps Copper Port, Industrial Temperature -10°C to +60°C, Power Input
120~370VDC or 85~264VAC
HES26MC-VHW
Rackmount Managed, 26 x 100Mbps Copper Port, Industrial Wide Temperature -40°C to +75°C, Power Input
120~370VDC or 85~264VAC
HES26MC-2SC-VH
Rackmount Managed, 24 x 100Mbps Copper Port, 2 x 100Mbps Multi-Mode Fiber Port with SC connectors,
2KM, Industrial Temperature -10°C to +60°C, Power Input 120~370VDC or 85~264VAC
HES26MC-2SC-VHW
Rackmount Managed, 24 x 100Mbps Copper Port, 2 x 100Mbps Multi-Mode Fiber Port with SC connectors,
2KM, Industrial Wide Temperature -40°C to +75°C, Power Input 120~370VDC or 85~264VAC
HES26MC-2SSC-VH
Rackmount Managed, 24 x 100Mbps Copper Port, 2 x 100Mbps Single-Mode Fiber Port with SC connectors,
20KM, Industrial Temperature -10°C to +60°C, Power Input 120~370VDC or 85~264VAC
HES26MC-2SSC-VHW
Rackmount Managed, 24 x 100Mbps Copper Port, 2 x 100Mbps Single-Mode Fiber Port with SC connectors,
20KM, Industrial Wide Temperature -40°C to +75°C, Power Input 120~370VDC or 85~264VAC
HES26MC-4SC-VH
Rackmount Managed, 22 x 100Mbps Copper Port, 4 x 100Mbps Multi-Mode Fiber Port with SC connectors,
2KM, Industrial Temperature -10°C to +60°C, Power Input 120~370VDC or 85~264VAC
HES26MC-4SC-VHW
Rackmount Managed, 22 x 100Mbps Copper Port, 4 x 100Mbps Multi-Mode Fiber Port with SC connectors,
2KM, Industrial Wide Temperature -40°C to +75°C, Power Input 120~370VDC or 85~264VAC
HES26MC-4SSC-VH
Rackmount Managed, 22 x 100Mbps Copper Port, 4 x 100Mbps Single-Mode Fiber Port with SC connectors,
20KM, Industrial Temperature -10°C to +60°C, Power Input 120~370VDC or 85~264VAC
HES26MC-4SSC-VHW
Rackmount Managed, 22 x 100Mbps Copper Port, 4 x 100Mbps Single-Mode Fiber Port with SC connectors,
20KM, Industrial Wide Temperature -40°C to +75°C, Power Input 120~370VDC or 85~264VAC
HES26MC-8SC-VH
Rackmount Managed, 18 x 100Mbps Copper Port, 8 x 100Mbps Multi-Mode Fiber Port with SC connectors,
2KM, Industrial Temperature -10°C to +60°C, Power Input 120~370VDC or 85~264VAC
HES26MC-8SC-VHW
Rackmount Managed, 18 x 100Mbps Copper Port, 8 x 100Mbps Multi-Mode Fiber Port with SC connectors,
2KM, Industrial Wide Temperature -40°C to +75°C, Power Input 120~370VDC or 85~264VAC
HES26MC-8SSC-VH
Rackmount Managed, 18 x 100Mbps Copper Port, 8 x 100Mbps Single-Mode Fiber Port with SC connectors,
20KM, Industrial Temperature -10°C to +60°C, Power Input 120~370VDC or 85~264VAC
HES26MC-8SSC-VHW
Rackmount Managed, 18 x 100Mbps Copper Port, 8 x 100Mbps Single-Mode Fiber Port with SC connectors,
20KM, Industrial Wide Temperature -40°C to +75°C, Power Input 120~370VDC or 85~264VAC
HES26MC-10SC-VH
Rackmount Managed, 16 x 100Mbps Copper Port, 10 x 100Mbps Multi-Mode Fiber Port with SC connectors,
2KM, Industrial Temperature -10°C to +60°C, Power Input 120~370VDC or 85~264VAC
HES26MC-10SC-VHW
Rackmount Managed, 16 x 100Mbps Copper Port, 10 x 100Mbps Multi-Mode Fiber Port with SC connectors,
2KM, Industrial Wide Temperature -40°C to +75°C, Power Input 120~370VDC or 85~264VAC
Note: All of the Above Products SC Connector can be replaced by ST Connector



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com