Electronic Components Datasheet Search
  English  ▼

X  

HEST12M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HEST12M
Description  Industrial Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HEST12M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HEST12M Datasheet HTML 1Page - List of Unclassifed Manufacturers HEST12M Datasheet HTML 2Page - List of Unclassifed Manufacturers HEST12M Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel:860-487-9869
www.henrich-inc.com
HEST12M
Series05563ds - 2/3
©2016 Henrich Corporation. All rights reserved
HEST12M series switches are designed for communications between machines/devices inside trains. Compliant with IEC61375
standard and EN51055, these highly compactly-designed industrial switches can meet any hazardous environments while providing
robust communication requirements for critical applications such as train traction and/or braking command requirements through
these reliable devices.
Support up to 12 10/100BaseT(X) M12 Ethernet ports and dual-powered by 24-160VDC (type:48VDC/110VDC) power supplies, this
line of switches provide a full set of network data management functions such as redundancy recovery, VLAN, QoS, IGMP, Trunking,
SNMP, etc., in addition to the hardened M12 connector and IP67 enclosure protection. These devices have an average MTBF of
438,000 hours. They all can be wall-mounted.
Technology
IEEE Standards:
IEEE802.3、IEEE802.3u、IEEE802.3z 、
IEEE802.3x、IEEE802.3ad、IEEE802.1p、
IEEE802.3ab、IEEE802.1Q、IEEE802.1d、
IEEE802.1s、IGMP Snooping
Processing Type:
Store and Forward
MAC Address:
16k
Management:
Web+CLI
RingOn™:
Recovery time<15ms
Flow Control:
IEEE802.3x Flow Control,Back Pressure
Flow Control
Protocol:
IGMP Snooping, GMRP, SNMPv1/v2c/v3,
DHCP Client, SNTP, HTTP, HTTPS, Telnet,
NTP Client
Software:
• System log setting
• Web server password setting
• IP access control(Accessible IP)
• Port setting
• IP setting
• Time setting(Local Time/NTP Time)
• RingOn rapid recovery
• Port-based VLAN and 802.1Q VLAN(8
groups for each)
• Port Trunking(2 groups)
• QoS、802.1P/1Q and ToS /DiffServe
• IGMP Snooping
• Broadcast Storm control
• Traffice control
• Port Mirroring
• Static MAC Address Forwarding (Unicast
and Multicast)
• SNMP V1/V2
• Diagnostics
• Email/Relay Alarm Notification
• Flow statistics
• MAC Table
• Log
• Firmware upgrade
• Parameters backup
• Factory reset
Connector
Ethernet port:
12 x 10/100M Ethernet Ports, M12 Con-
nector, 2 of them support Bypass
Management
port:
1 x Console,M12 Connector
Alarm:
1 x Alarm, M12 Connector
Power supply:
1 x Power Supply Port, M12 connector
Mechanics
Enclosure:
IP67,High Strength Aluminium
Installation:
Wall mounted
Dimension:
L* W * H: 147*51.5*107(mm)
Weight:
950g
Power:
10W(MAX)
Cooling:
Fanless
Environment Limits
Storage
Temperature:
-40~85℃
Operation
Temperature:
-40~75℃
Relative
Humidity:
5~95%RH
Ingress
Protection:
IP67
MTBF:
Above 30 Years
Certifications
Rail Traffic
EN50155, EN50121-3-2
EMI:
FCC Part 15 Subpart B Class A,EN
55022 Class A
EMS:
EN 61000-4-2 (ESD) Level 3
EN 61000-4-3 (RS) Level 3
EN 61000-4-4 (EFT) Level 3
EN 61000-4-5 (Surge) Level 3
EN 61000-4-6 (CS) Level 3
EN 61000-4-8
EN 61000-4-11
Freefall:
IEC60068-2-32
Vibration:
IEC 61373
Introduction
Specifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com