Electronic Components Datasheet Search
  English  ▼

X  

HEST12M Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HEST12M
Description  Industrial Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HEST12M Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HEST12M Datasheet HTML 1Page - List of Unclassifed Manufacturers HEST12M Datasheet HTML 2Page - List of Unclassifed Manufacturers HEST12M Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HEST12M
Series05563ds - 3/3
©2016 Henrich Corporation. All rights reserved
Tel:860-487-9869
www.henrich-inc.com
UNIT:MM
DIMENSION DRAWING
Ordering Information
HEST12M-VLW
Industrial Ethernet Managed Switch, 12 10/100BaseT(X) M12 ports, -40℃ to 75℃ operating temperature, Dual
Power Input, (Type: 48VDC/110VDC). IP67 protection



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com