Electronic Components Datasheet Search
  English  ▼

X  

140RTM Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 140RTM
Description  Aluminum Capacitors Radial, High Temperature Miniature
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

140RTM Datasheet(HTML) 3 Page - Vishay Siliconix

  140RTM Datasheet HTML 1Page - Vishay Siliconix 140RTM Datasheet HTML 2Page - Vishay Siliconix 140RTM Datasheet HTML 3Page - Vishay Siliconix 140RTM Datasheet HTML 4Page - Vishay Siliconix 140RTM Datasheet HTML 5Page - Vishay Siliconix 140RTM Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28322
180
Revision: 30-Jun-05
140 RTM
Vishay BCcomponents
Aluminum Capacitors
Radial, High Temperature Miniature
Note
1.
Unless otherwise specified, all electrical values in Table 2 apply
at Tamb =20
°C, P = 86 to 106 kPa, RH = 45 to 75%.
ORDERING EXAMPLE*
Electrolytic capacitor 140 series
220
µF/25 V; ±20%
Nominal case size:
∅10 × 16 mm; Form TFA
Catalog number: 2222 140 36221.
*Note: For ordering lead (Pb)-free parts, please contact your
Vishay sales agent.
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance
±20%
IR
rated RMS ripple current at 100 kHz, 125
°C
IL1
max. leakage current after 1 minute at UR
Tan
δ
max. dissipation factor at 100 Hz
Z
max. impedance at 100 kHz
Table 2
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(
µF)
NOMINAL
CASE SIZE
∅D × L
(mm)
IR
100 kHz
125
°C
(mA)
IL1
1min
(
µA)
Tan
δ
100 Hz
Z
100 kHz
+20
°C
(
Ω)
Z
100 kHz
−40 °C
(
Ω)
CATALOG NUMBER
2222 140 .....
BULK PACKAGING
TAPED
FORM CA
FORM CB
FORM TFA
6.3
1 200
10
× 16
760
79
0.28
0.15
1.10
53122
63122
33122
2 200
10
× 20
850
142
0.28
0.12
0.85
53222
63222
33222
10
330
10
× 12
480
36
0.20
0.200
1.40
54331
64331
34331
470
10
× 16
760
50
0.20
0.150
1.10
54471
64471
34471
1 000
10
× 20
850
103
0.20
0.120
0.85
54102
64102
34102
2 200
12.5
× 25
1 400
223
0.24
0.050
0.40
94225
94226
94223
2 200
16
× 20
1 400
223
0.24
0.050
0.40
54222
64222
34222
3 300
16
× 25
1 900
333
0.24
0.034
0.25
54332
64332
34332
4 700
16
× 31
2 200
473
0.24
0.030
0.20
54472
64472
34472
16
220
10
× 12
480
38
0.16
0.200
1.40
55221
65221
35221
330
10
× 16
760
56
0.16
0.150
1.10
55331
65331
35331
470
10
× 16
760
78
0.16
0.150
1.10
55471
65471
35471
1 000
12.5
× 20
1 200
163
0.16
0.073
0.50
55102
65102
35102
2 200
16
× 25
1 900
355
0.18
0.034
0.25
55222
65222
35222
3 300
16
× 31
2 200
531
0.18
0.030
0.20
55332
65332
35332
4 700
18
× 31
2 200
755
0.18
0.030
0.20
55472
65472
−
25
220
10
× 16
750
58
0.14
0.150
1.10
56221
66221
36221
330
10
× 20
850
86
0.14
0.120
0.85
56331
66331
36331
470
10
× 20
850
121
0.14
0.120
0.85
56471
66471
36471
1 000
12.5
× 25
1 400
253
0.14
0.050
0.40
96105
96106
96103
1 000
16
× 20
1 400
253
0.14
0.050
0.40
56102
66102
36102
2 200
16
× 31
2 200
553
0.16
0.030
0.20
56222
66222
36222
3 300
18
× 31
2 200
828
0.16
0.030
0.20
56332
66332
−
35
100
10
× 12
480
38
0.12
0.200
1.40
50101
60101
30101
220
10
× 16
760
80
0.12
0.150
1.10
50221
60221
30221
470
12.5
× 20
1 200
168
0.12
0.073
0.50
50471
60471
30471
1 000
16
× 25
1 500
353
0.12
0.034
0.25
50102
60102
30102
2 200
18
× 31
2 200
773
0.14
0.030
0.20
50222
60222
−
50
47
10
× 12
300
27
0.10
0.300
2.00
51479
61479
31479
100
10
× 16
380
53
0.10
0.200
1.40
51101
61101
31101
220
12.5
× 20
580
113
0.10
0.120
0.85
51221
61221
31221
330
12.5
× 20
870
168
0.10
0.120
0.85
51331
61331
31331
470
12.5
× 25
1 100
238
0.10
0.085
0.60
91475
91476
91473
470
16
× 20
1 100
238
0.10
0.085
0.60
51471
61471
31471
1 000
16
× 31
1 700
503
0.10
0.045
0.30
51102
61102
31102
63
22
10
× 12
380
17
0.10
0.300
2.00
58229
68229
38229
47
10
× 12
380
33
0.10
0.300
2.00
58479
68479
38479
100
10
× 20
650
66
0.10
0.160
1.10
58101
68101
38101
220
16
× 20
1 100
142
0.10
0.085
0.60
58221
68221
38221
330
16
× 20
1 100
211
0.10
0.085
0.60
58331
68331
38331
470
16
× 25
1 500
299
0.10
0.055
0.40
58471
68471
38471
1 000
18
× 31
1 800
633
0.10
0.040
0.28
58102
68102
−



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com