Electronic Components Datasheet Search
  English  ▼

X  

140RTM Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 140RTM
Description  Aluminum Capacitors Radial, High Temperature Miniature
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

140RTM Datasheet(HTML) 4 Page - Vishay Siliconix

  140RTM Datasheet HTML 1Page - Vishay Siliconix 140RTM Datasheet HTML 2Page - Vishay Siliconix 140RTM Datasheet HTML 3Page - Vishay Siliconix 140RTM Datasheet HTML 4Page - Vishay Siliconix 140RTM Datasheet HTML 5Page - Vishay Siliconix 140RTM Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: 28322
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 30-Jun-05
181
140 RTM
Aluminum Capacitors
Radial, High Temperature Miniature
Vishay BCcomponents
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us
≤ 1.3 UR
Reverse voltage
Urev
≤ 1V
Current
Leakage current
after 1 minute at UR
IL1
≤ 0.01 CR × UR +3 µA
after 5 minutes at UR
IL5
≤ 0.002 CR × UR +3 µA
Inductance
Equivalent series inductance (ESL)
case
∅D = 10 mm
typ. 16 nH
case
∅D ≥ 12.5 mm
typ. 18 nH
Resistance
Equivalent series resistance (ESR)
calculated from tan
δmax and CR (see Table 2)
ESR = tan
δ / 2πfCR
CAPACITANCE (C)
−60
−40
−20
0
20
40
60
1.2
0.8
80
100
140
Tamb (°C)
0.9
1.1
120
1.0
C
C0
1
2
1
2
Fig.5 Typical multiplier of capacitance as a function
of ambient temperature.
Curve 1: UR < 50 V.
Curve 2: UR
≥ 50 V.
C0 = typical capacitance at 20
°C, 100 Hz.
102
103
104
105
10
f (Hz)
0.2
0.4
0.6
0.8
1.0
1.2
2
2
1
1
C
C0
Fig.6 Typical multiplier of capacitance as a
function of frequency.
Curve 1: UR < 50 V.
Curve 2: UR
≥ 50 V.
C0 = typical capacitance at 20
°C, 100 Hz.
Tamb = 20 °C.
EQUIVALENT SERIES RESISTANCE (ESR)
10
1
−60
−40
−20
0
20
40
60
80
100
120
140
1
2
1
2
ESR
ESR0
Tamb (°C)
Curve 1: UR < 50 V.
Curve 2: UR
≥ 50 V.
Fig.7 Typical multiplier of ESR as a function of
ambient temperature.
ESR0 = typical ESR at 20
°C, 100 Hz.
0
0.4
0.8
1.2
1.6
2.0
2
1
1
2
ESR
ESR0
102
103
104
105
10
f (Hz)
Curve 1: UR < 50 V.
Curve 2: UR
≥ 50 V.
Fig.8 Typical multiplier of ESR as a function of frequency.
ESR0 = typical ESR at 20
°C, 100 Hz.
Tamb = 20 °C.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com