Electronic Components Datasheet Search
  English  ▼

X  

AD5425 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5425
Description  8-Bit, High Bandwidth Multiplying DAC with Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5425 Datasheet(HTML) 2 Page - Analog Devices

  AD5425 Datasheet HTML 1Page - Analog Devices AD5425 Datasheet HTML 2Page - Analog Devices AD5425 Datasheet HTML 3Page - Analog Devices AD5425 Datasheet HTML 4Page - Analog Devices AD5425 Datasheet HTML 5Page - Analog Devices AD5425 Datasheet HTML 6Page - Analog Devices AD5425 Datasheet HTML 7Page - Analog Devices AD5425 Datasheet HTML 8Page - Analog Devices AD5425 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
AD5425–SPECIFICATIONS1
(VDD = 2.5 V to 5.5 V, VREF = 10 V, IOUTx = O V. All specifications TMIN to TMAX, unless
otherwise noted. DC performance measured with OP177, AC performance with
AD8038, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Conditions
STATIC PERFORMANCE
Resolution
8
Bits
Relative Accuracy
0.25
LSB
Differential Nonlinearity
0.5
LSB
Guaranteed monotonic
Gain Error
±10
mV
Gain Error Temperature Coefficient
2
±5
ppm FSR/
°C
Output Leakage Current
±5nAData = 0x0000, T
A = 25
°C, I
OUT
±25
nA
Data = 0x0000, IOUT
REFERENCE INPUT
2
Reference Input Range
±10
V
VREF Input Resistance
8
10
12
k
Ω
Input resistance TC = –50 ppm/
°C
RFB Resistance
8
10
12
k
Ω
Input resistance TC = –50 ppm/
°C
Input Capacitance
Code Zero Scale
3
6
pF
Code Full Scale
5
8
pF
DIGITAL INPUTS
Input High Voltage, VIH
1.7
V
Input Low Voltage, VIL
0.6
V
Input Leakage Current, IIL
2
A
Input Capacitance
4
10
pF
DYNAMIC PERFORMANCE
2
Reference Multiplying Bandwidth
10
MHz
VREF =
±3.5 V; DAC loaded all 1s
Output Voltage Settling Time
50
100
ns
Measured to
±16 mV. RLOAD = 100 Ω, CLOAD =
15 pF DAC latch alternately loaded with 0s and 1s
Digital Delay
40
75
ns
10% to 90% Settling Time
15
30
ns
Rise and Fall time, VREF = 10 V, RLOAD = 100
Ω
Digital-to-Analog Glitch Impulse
2
nV-s
1 LSB change around major carry VREF = 0 V
Multiplying Feedthrough Error
70
dB
DAC latch loaded with all 0s. VREF =
±3.5 V, 1 MHz
48
dB
10 MHz
Output Capacitance
IOUT22225pFAll 0s loaded
10
12
pF
All 1s loaded
IOUT11217pFAll 0s loaded
25
30
pF
All 1s loaded
Digital Feedthrough
0.1
nV-s
Feedthrough to DAC output with
SYNC high and
alternate loading of all 0s and all 1s
Total Harmonic Distortion
–81
dB
VREF = 3.5 V pk-pk; all 1s loaded, f = 1 kHz
Digital THD Clock = 1 MHz
50 kHz fOUT
70
dB
8k Codes
Output Noise Spectral Density
25
nV
√Hz
@ 1 kHz
SFDR Performance (Wide Band)
8k Codes, VREF = 3.5 V
Clock = 2 MHz
50 kHz fOUT
55
dB
20 kHz fOUT
63
dB
SFDR Performance (Narrow Band)
Clock = 2 MHz
50 kHz fOUT
73
dB
20 kHz fOUT
80
dB
Intermodulation Distortion
8k codes, VREF = 3.5 V
Clock = 2 MHz
f1 = 20 kHz, f2 = 25 kHz
79
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com