Electronic Components Datasheet Search
  English  ▼

X  

KT8232A1 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # KT8232A1
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KT8232A1 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  KT8232A1 Datasheet HTML 1Page - Inchange Semiconductor Company Limited KT8232A1 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Darlington Power Transistor
KT8232A1
ELECTRICAL CHARACTERISTICS
T
B
C
B
=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP. MAX UNIT
☆
VCEO(SUS) Collector-Emitter Sustaining Voltage IC
B
= 30mA
350
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC
B
= 8A; I
B
B
= 0.1A
1.6
V
VBE(sat)
Base-Emitter Saturation Voltage
IC
B
= 8A; I
B
B
B
= 0.1A
2
V
ICEO
Collector Cutoff Current
V
B
CE
B
= 350V; I
B
B
B
= 0
V
B
CE
B
= 350V; I
B
B
B
= 0;T
B
C
B
=125℃
0.1
0.5
mA
IEBO
Emitter Cutoff Current
V
B
EB
B
= 5V; I
B
C
B
=0
10
mA
h
B
FE
DC Current Gain
I
B
C
B
= 5A ; V
B
CE
B
= 5V
300
2000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com