Electronic Components Datasheet Search
  English  ▼

X  

MLX90372 Datasheet(PDF) 23 Page - Melexis Microelectronic Systems

Part # MLX90372
Description  Triaxis짰Position Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90372 Datasheet(HTML) 23 Page - Melexis Microelectronic Systems

Back Button MLX90372 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 25Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 26Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 27Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 83 page
background image
ML90372 Triaxis® Position Processor
Datasheet
REVISION 7 - March 23, 2018
Page 23 of 83
3901090372
8. Magnetic Field Specifications
Magnetic field specifications are valid for temperature range [-40; 160] °C unless otherwise noted.
8.1. Rotary Stray-field Immune Mode - Low Field Variant (-100 code)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Number of magnetic poles
NP
4
(13)
-
-
Magnetic Flux Density in X-
Y plane
BX, BY
(14)
25
(15)
mT
√��������2 + ��������2
(this is not the useful signal)
Magnetic Flux Density in Z
BZ
100
mT
(this is not the useful signal)
Magnetic in-plane gradient
of in-plane field component
∆������������
∆��������
3.8
10
mT
mm
1
2
√(
������������
��������
−
������������
��������
)
2
+ (
������������
��������
+
������������
��������
)
2
this is the useful signal (see fig. 8)
Magnet Temperature
Coefficient
TCm
-2400
0
ppm
°C
Field Strength Resolution
(16)
∆������������
∆��������
0.075
0.100
0.125
mT
mm LSB
Magnetic field gradient norm
(12bits data)
Field too Low Threshold
(17)
BTH_LOW
0.8
1.2
(18)
mT
mm
Typ is recommended value to be
set by user (see 13.5.4)
Field too High Threshold
(17)
BTH_HIGH
70
100
(19)
102
(19)
mT
mm
Field too low Threshold
code
(17)
DIAG_
FIELDTOOLOW
THRES
3
LSB
decimal value
Field too high Threshold
code
(17)
DIAG_
FIELDTOOHIGH
THRES
250
LSB
decimal value
Table 21 - Magnetic specification for rotary stray-field immune- low field variant
Nominal performances apply when the useful signal ∆������������/∆�������� is above the typical specified limit. Under
this value, limited performances apply. See 8.1 for accuracy specifications. Stray-field immunity is tested
according to ISO 11452-8:2015.
13 Due to 4 poles magnet usage, maximum angle measurement range is limited to 180°
14 The condition must be fulfilled for all combinations of B
X and BY.
15 Above this limit, the IMC® starts to saturate, yielding to an increase of the linearity error.
16 Only valid with default MAGNET_SREL_T[1..7] configuration
17 Typ. value is set by default for NVRAM rev.9 and shall be set by user for rev.8 (see Table 49, USER_ID3 and 13.5.4)
18 Higher values of Field too Low threshold are not recommended by Melexis and shall only been set in accordance with the
magnetic design and taking a sufficient safety margin to prevent fals e positive.
19 Due to the saturation effect of the IMC, the FieldTooHigh monitor detects only defects in the sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com