Electronic Components Datasheet Search
  English  ▼

X  

TH72005 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH72005
Description  315MHz FSK/ASK Transmitter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72005 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH72005 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TH72005
315MHz
FSK/ASK Transmitter
Page 1 of 21
REVISION 012 - JUNE 14, 2017
3901072005
Features and Benefits
Fully integrated PLL-stabilized VCO
Frequency range from 290 MHz to 350 MHz
Single-ended RF output
FSK through crystal pulling allows
modulation from DC to 40 kbit/s
High FSK deviation possible for wideband
data transmission
ASK achieved by on/off keying of internal
power amplifier up to 40 kbit/s
Wide power supply range from 1.95 V to 5.5
V
Very low standby current
On-chip low voltage detector
High over-all frequency accuracy
FSK deviation and center frequency
independently adjustable
Adjustable output power range from
-12 dBm to +11 dBm
Adjustable current consumption from
3.2 mA to 10.3 mA
Conforms to EN 300 220 and similar
standards
10-pin quad flat no lead (QFN) package)
Application Examples
Tire Pressure Monitoring System (TPMS)
Remote Keyless Entry (RKE)
Automatic Meter Reading (AMR)
Alarm and security systems
Garage door openers
Home and building automation
Low-power telemetry
Wireless access control
Pin Description
top view
O UT
VEE
VCC
V EE
PSEL
ENTX
FSKDTA
FSKSW
ROI
ASKDTA
Ordering information
Product Code
Temperature Code
Package Code
Option Code
Packing Form Code
TH72005
K
LD
BAA-000
RE
TH72005
K
LD
BAA-000
TU
Legend:
Temperature Code:
K for Temperature Range -40°C to 125°C
Package Code:
LD for QFN double
Packing Form:
RE for Reel, TU for Tube
Ordering example:
TH72005KLD-BAA-000-RE
General Description
The TH72005 FSK/ASK transmitter IC is designed for applications in the 315 MHz industrial-scientific-medical (ISM)
band. It can also be used for any other system with carrier frequencies ranging from 290 MHz to 350 MHz.
The transmitter's carrier frequency fc is determined by the frequency of the reference crystal fref. The integrated PLL
synthesizer ensures that each RF value, ranging from 290 MHz to 350 MHz, can be achieved by using a crystal with a
reference frequency according to: fref = fc/N, where N = 32 is the PLL feedback divider ratio.


Similar Part No. - TH72005

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72005 MELEXIS-TH72005 Datasheet
555Kb / 20P
315MHz FSK/ASK Transmitter
TH72005 MELEXIS-TH72005 Datasheet
850Kb / 20P
FSK/ASK Transmitter
TH72005KLD MELEXIS-TH72005KLD Datasheet
555Kb / 20P
315MHz FSK/ASK Transmitter
TH72005KLDBAA-000RE MELEXIS-TH72005KLDBAA-000RE Datasheet
850Kb / 20P
FSK/ASK Transmitter
TH72005KLDBAA-000TU MELEXIS-TH72005KLDBAA-000TU Datasheet
850Kb / 20P
FSK/ASK Transmitter
More results

Similar Description - TH72005

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5251F1 INFINEON-TDA5251F1 Datasheet
2Mb / 88P
ASK/FSK 315MHz Wireless Transceiver
Version 1.0, 2003-02-18
logo
Melexis Microelectronic...
EVB72005 MELEXIS-EVB72005 Datasheet
648Kb / 14P
315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72006 MELEXIS-EVB72006 Datasheet
516Kb / 12P
315MHz FSK/ASK Transmitter Evaluation Board Description
TH72006 MELEXIS-TH72006 Datasheet
339Kb / 16P
315MHz FSK/ASK Transmitter
TH72005 MELEXIS-TH72005 Datasheet
555Kb / 20P
315MHz FSK/ASK Transmitter
TH72001 MELEXIS-TH72001 Datasheet
524Kb / 20P
315MHz FSK Transmitter
logo
Infineon Technologies A...
TDA5251F1 INFINEON-TDA5251F1_07 Datasheet
2Mb / 88P
ASK/FSK 315MHz Wireless Transceiver
Version 1.1, 2007-02-26
logo
Melexis Microelectronic...
MLX72013 MELEXIS-MLX72013 Datasheet
411Kb / 21P
FSK/ASK Transmitter
TH72001 MELEXIS-TH72001_17 Datasheet
1Mb / 23P
315MHz FSK Transmitter
TH72002 MELEXIS-TH72002_17 Datasheet
1Mb / 21P
315MHz ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com