Electronic Components Datasheet Search
  English  ▼

X  

TH72005 Datasheet(PDF) 20 Page - Melexis Microelectronic Systems

Part # TH72005
Description  315MHz FSK/ASK Transmitter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72005 Datasheet(HTML) 20 Page - Melexis Microelectronic Systems

Back Button TH72005 Datasheet HTML 13Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 14Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 15Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 16Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 17Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 18Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 19Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 20Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 21Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
TH72005
315MHz
FSK/ASK Transmitter
Page 20 of 21
REVISION 012 - JUNE 14, 2017
3901072005
8. Standard information regarding manufacturability of Melexis products
with different soldering processes
Our products are classified and qualified regarding soldering technology, solderability and moisture sensitivity level
according to following test methods:
Reflow Soldering SMD’s (Surface Mount Devices)
IPC/JEDEC J-STD-020
Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices
(classification reflow profiles according to table 5-2)
EIA/JEDEC JESD22-A113
Preconditioning of Nonhermetic Surface Mount Devices Prior to Reliability Testing
(reflow profiles according to table 2)
Wave Soldering SMD’s (Surface Mount Devices) and THD’s (Through Hole Devices)
EN60749-20
Resistance of plastic- encapsulated SMD’s to combined effect of moisture and soldering heat
EIA/JEDEC JESD22-B106 and EN60749-15
Resistance to soldering temperature for through-hole mounted devices
Iron Soldering THD’s (Through Hole Devices)
EN60749-15
Resistance to soldering temperature for through-hole mounted devices
Solderability SMD’s (Surface Mount Devices) and THD’s (Through Hole Devices)
EIA/JEDEC JESD22-B102 and EN60749-21
Solderability
For all soldering technologies deviating from above mentioned standard conditions (regarding peak temperature,
temperature gradient, temperature profile etc) additional classification and qualification tests have to be agreed upon with
Melexis.
The application of Wave Soldering for SMD’s is allowed only after consulting Melexis regarding assurance of adhesive
strength between device and board.
Melexis is contributing to global environmental conservation by promoting lead free solutions. For more information on
qualifications of RoHS compliant products (RoHS = European directive on the Restriction Of the use of certain Hazardous
Substances) please visit the quality page on our website: http://www.melexis.com/quality.aspx
9. ESD Precautions
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD).
Always observe Electro Static Discharge control procedures whenever handling semiconductor products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com