Electronic Components Datasheet Search
  English  ▼

X  

MX6028GL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MX6028GL
Description  28G-Port Rackmount Layer 3 Full Gigabit Managed Ethernet Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MX6028GL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MX6028GL Datasheet HTML 1Page - List of Unclassifed Manufacturers MX6028GL Datasheet HTML 2Page - List of Unclassifed Manufacturers MX6028GL Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product
Information
Supports RIP, OSPF, layer 3 routing protocols
24 Gigabit Ethernet ports
Up to 28 optical fiber connections (SFP slots)
Fanless, -40 to +85°C operating temperature range
Universal 110/220VADC power supply range
Features
Product
Information
Henrich Electronics Corporation
Main Office
Tel: 860-487-9869
Fax: 860-487-9478
www.henrich-inc.com
MX6028GL Series HE0001DU1038ds - 1/3
©2013 Henrich Corporation. All rights reserved
MX6028GL Series
Compliant with IEC61850-3 and IEEE1613
28G-Port Rackmount Layer 3 Full Gigabit
Managed Ethernet Switches


Similar Part No. - MX6028GL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX6028-4G ETC2-MX6028-4G Datasheet
498Kb / 3P
244G Port Rackmount Gigabit Managed Ethernet switches
MX6028-4G-20SFP-VHW ETC2-MX6028-4G-20SFP-VHW Datasheet
498Kb / 3P
244G Port Rackmount Gigabit Managed Ethernet switches
MX6028L ETC2-MX6028L Datasheet
565Kb / 3P
28-Port Rackmount Layer 3 Gigabit Managed Ethernet Switches
MX6028L-4SFP-8SC-2VLW ETC2-MX6028L-4SFP-8SC-2VLW Datasheet
565Kb / 3P
28-Port Rackmount Layer 3 Gigabit Managed Ethernet Switches
MX6028L-4SFP-8SC-VHW ETC2-MX6028L-4SFP-8SC-VHW Datasheet
565Kb / 3P
28-Port Rackmount Layer 3 Gigabit Managed Ethernet Switches
More results

Similar Description - MX6028GL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX6012GLN ETC2-MX6012GLN Datasheet
508Kb / 3P
12G-port Din-rail Layer 3 full Gigabit Managed Ethernet switches
MX6024GL ETC2-MX6024GL Datasheet
503Kb / 3P
24G-Port Rackmount Layer 3 Full Gigabit Managed Ethernet Switches
MX6028L ETC2-MX6028L Datasheet
565Kb / 3P
28-Port Rackmount Layer 3 Gigabit Managed Ethernet Switches
logo
Moxa Inc.
ICS-G7826A MOXA-ICS-G7826A Datasheet
629Kb / 6P
24G2 10GbE-port Layer 3 full Gigabit managed Ethernet switches
ICS-G7828A MOXA-ICS-G7828A Datasheet
548Kb / 6P
24G4 10GbE-port Layer 2/Layer 3 full Gigabit managed Ethernet switches
ICS-G7848A MOXA-ICS-G7848A Datasheet
900Kb / 6P
48G Layer 3 full Gigabit modular managed Ethernet switches
IKS-G6524A MOXA-IKS-G6524A Datasheet
503Kb / 6P
24G-port Layer 2 full Gigabit managed Ethernet switches
IKS-G6824A MOXA-IKS-G6824A Datasheet
617Kb / 6P
24G-port Layer 3 full Gigabit managed Ethernet switches
MDS-G4028 MOXA-MDS-G4028 Datasheet
1Mb / 6P
28G-port Layer 2 full Gigabit modular managed Ethernet switches
PT-G7509 MOXA-PT-G7509 Datasheet
704Kb / 6P
Gigabit managed rackmount Ethernet switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com