Electronic Components Datasheet Search
  English  ▼

X  

MX6028GL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MX6028GL
Description  28G-Port Rackmount Layer 3 Full Gigabit Managed Ethernet Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MX6028GL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MX6028GL Datasheet HTML 1Page - List of Unclassifed Manufacturers MX6028GL Datasheet HTML 2Page - List of Unclassifed Manufacturers MX6028GL Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Process automation and transportation automation applications combine data, voice, and video, and consequently require high performance
and high reliability. The MX6028GL series full Gigabit backbone switches are equipped with 24 x Gigabit Copper Port and 4 x Gigabit SFP
Slots. They provide Layer 3 routing functionality to facilitate the deployment of applications across networks and make them ideal for large
scale industrial networks. The MX6028GL’s full Gigabit capability increases bandwidth to provide high performance and quickly transfer large
amounts of video, voice, and data across a network. The switches support the RingOn and RSTP redundancy protocols, and are fanless and
come with an isolated redundant power supply to increase system reliability and the availability of your network backbone.
Introduction
Tel: 860-487-9869
www.henrich-inc.com
MX6028GL Series HE0001DU1038ds - 2/3
©2013 Henrich Corporation. All rights reserved
Specifications
Optical Fiber
Mode
Single Mode
Transmission Distance
20km
Centre Wavelength
1310nm
Cable Size
9/125um
TX Power(dBm)
-8~-2dBm
RX Power(dBm)
< -24dBm
Transmission Rate
1000Mbps
Technology
Standard :
IEEE802.3, 802.3u, 802.3ab, 802.3z,
802.3x, 802.1D, 802.1w, 802.1Q,
802.1p
Flow Control :
IEEE802.3x Flow Control, Back
Pressure Flow Control
Protocols :
IGMP Snooping, GMRP, SNMPv1/v2c/
v3, DHCP Client, HTTP, HTTPS, Telnet,
NTP Client
Software functions :
L3 Functions
• Static IP routing
• OSPFv1/v2
• RIPv1/v2
• VRRP
• IGMP v2/v3 Multicast Listener
Protocol
• Firewall , NAT and port mapping
• File sharing based on the SAMBA
service
• FTP service based on STUPID-
FTP
• SSH secure access service
based on OPENSSH
• Add access, control WEB
L2 Functions
• IEEE 802.1Q Static VLAN and
VLAN Label
• Link Layer Management Protocol
(LLDP)
• IEEE 802.1w Rapid Spanning
Tree Protocol (RSTP)
• IGMP SNOOPING
• RingOn™ Redundant Technology,
recovery time <15ms
• RingOpen Redundancy
Management Tools
• Web Interface (HTTP and HTTPS)
• Console port and Command Line
Interface(CLI) controlled by SSHv2
• SNMPv1/v2c/v3
• Flexible configuration and log file
management
• Managing local file through HTTP,
FTP, TFTP and SCP
• Syslog(System log file and remote
syslog server)
• SNTP(NTP Client)
• Software Online Upgrading
Interface
RJ45 Port :
10/100/1000M Auto-Negotiation, Full/
Half Duplex, Auto-MDI/MDIX
Fiber Port :
100BaseFX (SC/ST connector) and
1000BaseSFP Slot
LED Indicators :
Power, Port Status, 10/100/1000M
Console port :
RJ45 Port
Output Warning :
Relay, Standard 2 Pin
Power Requirements
Input Voltage :
48VDC @ 50W MAX
120~370VDC @ 50W MAX
85~265VAC @ 50VA MAX
Input Connection :
Grid panel terminal blocks
Standard 4 pin input connection
(optional)
Physical Characteristics
Case :
Slim Metal Case, IP40 Design
Dimensions :
443×44×310mm
Installation :
Rack mounting
Switch Properties
L3 Host table :
4K
MAC Table Size :
16K
Priority Queues :
8
Max. Number VLANs : 256
VLAN ID Range :
VID 1 to 4094
IGMP Groups :
1000
Environment Limits
Operating Temp. :
Wide Temp. Models: -40 to 85˚C
Storage Temp. :
-40 to 85˚C
Ambient Relative
Humidity :
5 to 95%(Non-condensing)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com