Electronic Components Datasheet Search
  English  ▼

X  

DS2282 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS2282
Description  T1 FDL Controller/Monitor Stik
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2282 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS2282 Datasheet HTML 7Page - Dallas Semiconductor DS2282 Datasheet HTML 8Page - Dallas Semiconductor DS2282 Datasheet HTML 9Page - Dallas Semiconductor DS2282 Datasheet HTML 10Page - Dallas Semiconductor DS2282 Datasheet HTML 11Page - Dallas Semiconductor DS2282 Datasheet HTML 12Page - Dallas Semiconductor DS2282 Datasheet HTML 13Page - Dallas Semiconductor DS2282 Datasheet HTML 14Page - Dallas Semiconductor DS2282 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
DS2282
022798 11/22
NAME
DESCRIPTION
CLEARABLE
R/W
ADDR2,3
UASICR
29
R
No
UAS Interval Count Registers. A set of 96 16–bit registers
that contain the Unavailable Second counts for the previous
96 individual 15–minute periods. Most recent interval is read
first.
BESICR
2A
R
No
BES Interval Count Registers. A set of 96 16–bit registers
that contain the Bursty Errored Second counts for the pre-
vious 96 individual 15–minute periods. Most recent interval
is read first.
SESICR
2B
R
No
SES Interval Count Registers. A set of 96 16–bit registers
that contain the Severely Errored Second counts for the pre-
vious 96 individual 15–minute periods. Most recent interval
is read first.
CSLFICR
2C
R
No
CSS & LOFC Interval Count Registers. A set of 96 16–bit
registers that contain the Controlled Slip and Loss Of Frame
counts for the previous 96 individual 15–minute periods. The
8–bit CSS count is the LSB and the 8–bit LOFC count is in
the MSB. Most recent interval is read first.
ESDCR
2D
R
No
ES Day Count Registers. A 16–bit register that counts the
number of Errored Seconds in the previous 24–hour period.
UEEER
36
R
Yes
User ESF Error Event Register. 16–bit register that mimics
the ESFEER for user access.
UASDCR
2E
R
No
UAS Day Count Registers. A 16–bit register that counts
the number of Unavailable Seconds in the previous 24–hour
period.
BESDCR
2F
R
No
BES Day Count Registers. A 16–bit register that counts
the number of Bursty Errored Seconds in the previous
24–hour period.
SESDCR
30
R
No
SES Day Count Registers. A 16–bit register that counts the
number of Severely Errored Seconds in the previous
24–hour period.
CSLFDCR
31
R
No
CSS & LOFC Day Count Registers. A 16–bit register that
counts the number of Controlled Slip Seconds and Loss Of
Frames in the previous 24–hour period. The 8–bit CSS
count is in the LSB and the 8–bit LOFC count is in the MSB.
VITR
32
R
No
Valid Interval Total Register. An 8–bit register that indi-
cates the number of valid 15–minute intervals in the previous
24–hour period.
RMSR
33
R
Yes
Request Message Status Register. An 8–bit register that
indicates which (if any) request message is being received.
CR
34
W
No
Control Register. An 8–bit register that selects which ad-
dress the DS2282 will respond to.
NOTES:
1. All of the registers in the DS2282 that count events will saturate at their maximum possible count; they do not
roll over. For example, all the 16–bit registers stop at a count of 65,535. They do not roll over to zero and
continue counting.
2. Values indicated in hexadecimal format.
3. All register read/written LSB first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com