Electronic Components Datasheet Search
  English  ▼

X  

DS2282 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS2282
Description  T1 FDL Controller/Monitor Stik
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2282 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS2282 Datasheet HTML 9Page - Dallas Semiconductor DS2282 Datasheet HTML 10Page - Dallas Semiconductor DS2282 Datasheet HTML 11Page - Dallas Semiconductor DS2282 Datasheet HTML 12Page - Dallas Semiconductor DS2282 Datasheet HTML 13Page - Dallas Semiconductor DS2282 Datasheet HTML 14Page - Dallas Semiconductor DS2282 Datasheet HTML 15Page - Dallas Semiconductor DS2282 Datasheet HTML 16Page - Dallas Semiconductor DS2282 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DS2282
022798 13/22
OOFCR: Out Of Frame Count Register (82). A
16–bit register that records Out Of Frame (OOF) error
events. An OOF error event occurs whenever 2 or more
framing bits out of 6 in the FPS are incorrect. An OOF
error event will cause the DS2282 to resynchronize to
the incoming data stream.
Receive PRM Operation
The DS2282 decodes the incoming FDL for scheduled
Performance Report Messages (PRM). It automatically
detects opening flags, deletes any stuffed zero bits that
may be present, and it calculates CRC–16 on all the
data between the opening and closing flags.
The
DS2282 normally only decodes the current second’s
data (octets 5 and 6). Data from the previous three se-
conds is “bumped” from PRMR0 to PRMR1 to PRMR2
to PRMR3 and finally out of available recall range. If the
PRM is received in error (CRC check sum is incorrect),
the message will be ignored. The DS2282 will keep
track of errored PRMs and properly place the unerrored
message when it is received. For example, if a PRM is
received that does not correspond to its CRC check
sum, then PRMR0 will be set to all zeros indicating that
an invalid message was received. If the next scheduled
message is received correctly, then the data missed in
the last scheduled message will be updated to PRMR1.
NOTE: PRMR0 to PRMR3 are only updated if PRMs
are received; if no valid or invalid PRMs are received,
then both the SE and FE bits in PRMR0 to PRMR3 will
be set to one.
PRMR0: PRM Register 0 (10)
PRMR1: PRM Register 1 (11)
PRMR2: PRM Register 2 (12)
PRMR3: PRM Register 3 (13)
PLB
SL
LV
SE
FE
CRC2
CRC1
CRC0
(LSB)
(MSB)
PLB
Payload Loopback Activated
SL
Controlled Slip (slip
y 1)
LV
Line Violation (BPV
y 1)
SE
Severely Errored Framing Event (2 of 6
OOF
y 1)
FE
Frame Sync Bit Error Event
CRC2
See Table Below
CRC1
See Table Below
CRC0
See Table Below
CRC2
CRC1
CRC0
EVENT
0
0
0
Invalid
0
0
1
CRC=0
0
1
0
CRC=1 (G1)
0
1
1
1
t CRC x 5 (G2)
1
0
0
5
t CRC x 10 (G3)
1
0
1
10
tCRCx100 (G4)
1
1
0
100
tCRCx319 (G5)
1
1
1
CRC
y 320 (G6)
PRM History Registers
There are three registers that keep track of the sched-
uled PRM and collect data on the receive performance
of the remote end. The first two of these registers
(PRMESR and PRMSESR) mock the monitor registers
in the type of data that they report. ES and SES are cal-
culated off of the received PRM data. The PRM data is
pulled from PRMR3 since it has the highest probability
of containing valid data. If PRMR3 does not contain val-
id data, then ES and SES are not calculated. The third
register (PRMER) keeps a count of how many PRMs
have been received in error.
PRMESR: PRM Errored Seconds Register
(1C). A 16–bit register that counts Errored Seconds
(ES). An ES is any one second time interval with either a
frame bit error (FE or SE=1) or CRC–6 error (G1 to
G6=1).
PRMSESR: PRM Severely Errored Seconds
Register (1D). A 16–bit register that counts Severely
Errored Seconds (SES). A SES is any one second time
interval with an OOF error event (SE=1) or more than
320 CRC–6 error events (G6=1).
PRMER: PRM Error Register (1E). An 8–bit reg-
ister that records the number of PRMs that have been
received in error. A PRM is considered to be received in
error when the calculated CRC does not match the in-
coming CRC word.
Transmit PRM Operation
The DS2282 will automatically generate PRMs once a
second to be included into the FDL for transmission to
the remote end. It automatically pulls together all the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com