Electronic Components Datasheet Search
  English  ▼

X  

2700124 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2700124
Description  LED flashing beacon element, 24혻V혻DC, double flash
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2700124 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2700124 Datasheet HTML 1Page - PHOENIX CONTACT 2700124 Datasheet HTML 2Page - PHOENIX CONTACT 2700124 Datasheet HTML 3Page - PHOENIX CONTACT 2700124 Datasheet HTML 4Page - PHOENIX CONTACT 2700124 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Make sure you always use the latest documentation.
It can be downloaded at http://www.phoenixcontact.net/download.
This data sheet is valid for all products listed on the following page:
PSD-S OE LED FL ...
LED flashing beacon element, 24 V DC, double
flash
Data sheet
1
Description
7951 00
© PHOENIX CONTACT - 04/2009
This optical signal element is part of a modular signal
tower.
According to your requirements, a signal tower may
comprise any combination of up to five signal ele-
ments. You may use up to five optical signal elements
or up to four optical and one audible signal element.
An audible signal element can be used as top ele-
ment only.
A bayonet locking system establishes the mechanical
and electrical connection between the elements.
Connection elements with spring-cage or screw con-
nection can be used for electrical connection of the
signal tower.
Mounting elements for base or tube mounting can be
used to mount the signal tower.
Features
LED flashing beacon element for 24 V DC
Colors: red, yellow, blue and plain
Double flash
Degree of protection: IP65, when installed or with
cover


Similar Part No. - 2700124

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700121 PHOENIX-2700121 Datasheet
138Kb / 5P
LED blinking light element, 24혻V혻AC/DC
2700122 PHOENIX-2700122 Datasheet
255Kb / 7P
PSD-S OE LED YE - Optical element
2700123 PHOENIX-2700123 Datasheet
138Kb / 5P
LED blinking light element, 24혻V혻AC/DC
2700125 PHOENIX-2700125 Datasheet
178Kb / 5P
LED rotating light element, 24 V AC/DC
2700126 PHOENIX-2700126 Datasheet
139Kb / 5P
LED random flashing beacon element, 24 V DC
More results

Similar Description - 2700124

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700101 PHOENIX-2700101 Datasheet
59Kb / 4P
Flashing beacon element, 24 V DC, red, Xenon flash tube
2700102 PHOENIX-2700102 Datasheet
59Kb / 4P
Flashing beacon element, 24 V DC, green, Xenon flash tube
2700103 PHOENIX-2700103 Datasheet
59Kb / 4P
Flashing beacon element, 24 V DC, yellow, Xenon flash tube
2700115 PHOENIX-2700115 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
2700118 PHOENIX-2700118 Datasheet
139Kb / 5P
LED random flashing beacon element, 24 V DC
2700126 PHOENIX-2700126 Datasheet
139Kb / 5P
LED random flashing beacon element, 24 V DC
2700129 PHOENIX-2700129 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
2700130 PHOENIX-2700130 Datasheet
140Kb / 5P
LED random flashing beacon element, 24 V DC
2700134 PHOENIX-2700134 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
2700135 PHOENIX-2700135 Datasheet
140Kb / 5P
LED random flashing beacon element, 24 V DC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com