Electronic Components Datasheet Search
  English  ▼

X  

2700124 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2700124
Description  LED flashing beacon element, 24혻V혻DC, double flash
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2700124 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2700124 Datasheet HTML 1Page - PHOENIX CONTACT 2700124 Datasheet HTML 2Page - PHOENIX CONTACT 2700124 Datasheet HTML 3Page - PHOENIX CONTACT 2700124 Datasheet HTML 4Page - PHOENIX CONTACT 2700124 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Table of contents
Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Ordering data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Technical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Example of a signal tower . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Assembly notes for a signal tower . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Assembling the individual elements . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Example for signal tower dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2
Ordering data
Description
Type
Order No.
Pcs. / Pkt.
LED flashing beacon element, 24 V DC, double flash,
red
PSD-S OE LED FL RD
2700115
1
LED flashing beacon element, 24 V DC, double flash,
yellow
PSD-S OE LED FL YE
2700124
1
LED flashing beacon element, 24 V DC, double flash,
clear
PSD-S OE LED FL CL
2700129
1
LED flashing beacon element, 24 V DC, double
flash,
blue
PSD-S OE LED FL BU
2700134
1
3
Technical data
Dimensions (in mm)
Ø70
PSD-S OE LED FL ...
7951 00
PHOENIX CONTACT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com