Electronic Components Datasheet Search
  English  ▼

X  

ELM331SM Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM331SM
Description  Solid State Thermostat
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM331SM Datasheet(HTML) 4 Page - ELM Electronics

  ELM331SM Datasheet HTML 1Page - ELM Electronics ELM331SM Datasheet HTML 2Page - ELM Electronics ELM331SM Datasheet HTML 3Page - ELM Electronics ELM331SM Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Example Application
4 of 4
Figure 1. Backup Heating Control Thermostat
Figure 1 shows the ELM331 in an example heating
control
circuit.
A
closed
contact
output
occurs
whenever the temperature measured by RTEMP falls to
a value less than that determined by RSET. It is
anticipated that this type of circuit could possibly be
used to control temperatures over the range of -40°C
to +40°C.
Power for the circuit is from a 12V supply, that is
reduced to 5V by the 78L05 regulator. This gives a
stable supply voltage for the ELM331, as well as
convenient voltage for use with a standard relay coil.
The type of relay is not important, as long as
consideration is given to its coil requirements, and the
capabilities of the ELM331. In this example, a relay
with a 400
Ω coil resistance was chosen so that a
2N3904 could drive it directly.
Temperature measuring is performed by RTEMP,
which is a negative temperature coefficient type
thermistor. It has a resistance of 10K
Ω at 25°C, and
this value decreases with increasing temperature. This
value was chosen both because it is commonly
available, and because it limits the 0.1µF integrating
capacitor currents to less than 1mA over the typical
range of operation (keeping the thermistor self-heating
to a minimum).
If the thermistor is mounted any appreciable
distance from the ELM331, consideration must be
given to cabling effects such as capacitive and induced
currents. Generally the integrated circuit can be
adequately protected by mounting a small value (220
Ω)
resistor physically close to the ELM331 as shown
below. Take into account it’s value when determining
the setpoint, though.
For this design, RSET was selected to be equal to
the resistance of RTEMP at 10°C, so that the relay
contact closes for any measured temperatures less
than 10°C. The resistance value was determined from
specs given by the manufacturer, but could have been
determined experimentally as well.
An LED has been provided for visual feedback of
the
circuit
operation.
It
is
connected
to
the
‘measurement in progress’ output, so that it is
energized each time a measurement is being made.
Typically, this would be for about 25mS every 2
seconds.
Variations on this circuit could easily be made…
Simply by reversing RSET and RTEMP, one obtains a
cooling control thermostat… Rather than a relay output,
the circuit could have been connected directly to other
logic circuits. The measurement in progress pin could
then be used either as an interrupt, or as a busy flag
that can clock in new results on it’s falling edge…
Battery backup is another option that could be
added to this circuit, but then consideration should be
given to using the ELM341 Low Power Thermostat…
ELM331
ELM331DSB
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
2.2K
Ω
560
Ω
10K
Ω
RSET
RTEMP
0.1µF
78L05
2N3904
LED
18K
Ω
10K
Ω
@25°C
1N4001
To the
heating
control
0.1µF
+12V
+12V
0.1µF
1
2
3
4
8
7
6
5
12V Relay
see text



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com