Electronic Components Datasheet Search
  English  ▼

X  

ELM331SM Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM331SM
Description  Solid State Thermostat
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM331SM Datasheet(HTML) 1 Page - ELM Electronics

  ELM331SM Datasheet HTML 1Page - ELM Electronics ELM331SM Datasheet HTML 2Page - ELM Electronics ELM331SM Datasheet HTML 3Page - ELM Electronics ELM331SM Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ELM331
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Connection Diagram
PDIP and SOIC
(top view)
VDD
VSS
1
2
3
4
8
7
6
5
Solid State Thermostat
The
ELM331
is
a
complete
temperature
measurement and control system in an 8 pin
package.
This integrated circuit is designed to compare
two resistances and drive an output pin depending
on the relative value of each. Typically, one of the
resistors will be an NTC thermistor, and the other
one will be a temperature independent resistor
(whether fixed or variable). When the magnitude of
the resistance connected to pin 2 exceeds the value
of the resistance connected to pin 3, the output pin
will be driven to a high state. Hysteresis maintains
the output in that state until the relative values differ
by approximately 8% (or typically 2°C for a 10K
Ω
thermistor).
To reduce the possibility of sporadic outputs, a
condition must exist for three successive cycles, or 6
seconds, before the output pin can change state.
• Low power CMOS design - typically 1mA at 5V
• Wide supply range - 3.0 to 5.5 volt operation
• Built-in proportional hysteresis
• Measurement in progress output
• Time delay on operate improves noise immunity
• Internal pullup resistor on the reset input
• High current drive outputs - up to 25 mA
• Primary thermostat in temperature control
systems
• Staging control for auxiliary heating or cooling
installations
• Under or over temperature alarms
2
3
4
6
7
R1
R2
Analog to
Digital
Converter
5
Control
Watchdog
Timer
Cap
MIP
Out
R1
R2
reset
3 Consecutive
Measurements
Measurement in Progress (busy)
Overrange
VDD
Out
MIP
R1 > R2
reset
Description
Applications
Block Diagram
1 of 4
Features
ELM331DSB


Similar Part No. - ELM331SM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM33305HDL ETC2-ELM33305HDL Datasheet
857Kb / 4P
Extruded Vertical T-1 (5mm) LED Standard Spacer Profie Assy
logo
ELM Electronics
ELM334 ELM-ELM334 Datasheet
29Kb / 4P
GARAGE DOORMAN
ELM334 ELM-ELM334 Datasheet
57Kb / 7P
Garage Doorman
logo
ELM Technology Corporat...
ELM33400CA-S ELM-TECH-ELM33400CA-S Datasheet
109Kb / 4P
Single N-channel MOSFET
ELM33401CA-S ELM-TECH-ELM33401CA-S Datasheet
267Kb / 4P
Single P-channel MOSFET
More results

Similar Description - ELM331SM

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
52421 MICROPAC-52421 Datasheet
137Kb / 4P
SOLID STATE THERMOSTAT CONTROLLER
logo
List of Unclassifed Man...
SN76477 ETC1-SN76477 Datasheet
357Kb / 4P
Solid State
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Unity Opto Technology
MVL-514HB UOT-MVL-514HB Datasheet
38Kb / 2P
SOLID STATE LAMP
MVL-504TG UOT-MVL-504TG Datasheet
38Kb / 2P
SOLID STATE LAMP
MVL-324B UOT-MVL-324B Datasheet
38Kb / 2P
SOLID STATE LAMP
logo
CUI INC
CS-3212 CUI-CS-3212 Datasheet
122Kb / 1P
solid state buzzer
CS-3624 CUI-CS-3624 Datasheet
105Kb / 1P
solid state buzzer
CS-8412 CUI-CS-8412 Datasheet
124Kb / 1P
solid state buzzer
logo
List of Unclassifed Man...
KSD301 ETC1-KSD301 Datasheet
1Mb / 6P
Thermostat
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com