Electronic Components Datasheet Search
  English  ▼

X  

HT25LC512 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT25LC512
Description  CMOS 64Kx8-Bit SPI Serial OTP EPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT25LC512 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT25LC512 Datasheet HTML 1Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 2Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 3Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HT25LC512
Rev. 1.10
5
October 17, 2005
· Status register read
¨ Status register format
Bit Sequential
01234567
Bit Data
00110001
The data in the status register will always be 8CH.
To read the status register, the bit sequence is
shown below. After the last bit of the opcode is
shifted in, the eight bits of the status register, start-
ing with the MSB (bit 7), will be shifted out on the SO
pin during the next eight clock cycles. After bit 0 of
the status register has been shifted out, the se-
quence will repeat itself (as long as CS remains low
and SCK is being toggled) starting again with bit 7.
¨ Status register read
Bit sequence is shown as follows:
Bit Sequential
01234567
Bit Data
0000
x
101
Note:
²x² don¢t care
· Product ID read
The RDID instruction allows the user to read the man-
ufacturer and product ID of the device. The first byte
after the instruction will be the manufacture code
(1CH= HOLTEK), followed by the device code (83H
for 512K OTP ROM).
Product ID read, bit sequence is shown as follows:
Bit Sequential
01234567
Bit Data
0001
x
101
Note: x: don
¢t care
· HOLD
The HOLD pin is used in conjunction with the CS pin
to select the HT25LC512. When the device is se-
lected and a serial sequence is underway, HOLD can
be used to pause the serial communication with the
master device without resetting the serial sequence.
To pause, the HOLD pin must be brought low while the
SCK pin is low. To resume serial communication, the
HOLD pin is brought high while the SCK pin is low
(SCK may still toggle during HOLD). Inputs to the SI
pin will be ignored while the SO pin is in the high im-
pedance state.
Power-on State
When power is first applied to the device, the SO pin will
be in a high-impedance state, and a high-to-low transi-
tion on the CS pin will be required to start a valid instruc-
tion. The SPI mode will be automatically selected on
every falling edge of CS by sampling the inactive clock
state.
Programming the OTP ROM
Programming the OTP ROM of the HT25LC512 via the
SI (Serial Input) pin requires the following sequence. Af-
ter the CS line is pulled low to select a device, the pro-
gramming instruction is transmitted via the SI line
followed by the byte address to the program. Then the
programming data are transmitted following the ad-
dress. If only one byte is to be programmed, the CS line
should be driven high after one byte data has been
transmitted. The programming instruction can be con-
tinued since the byte address is automatically incre-
mented and data will continue to be shifted in. When the
highest address is reached, the address counter will roll
over to the lowest address allowing the entire memory to
be programmed in one continuous programming in-
struction.
Programming the OTP ROM, bit sequence is shown as follows:
Bit Sequential
0123456789
10
11
12
13
14
15
Bit Data
10011001
A23
A22
A21
A20
A19
A18
A17
A16
Bit Sequential
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Bit Data
A15
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com