Electronic Components Datasheet Search
  English  ▼

X  

HT25LC512 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT25LC512
Description  CMOS 64Kx8-Bit SPI Serial OTP EPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT25LC512 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT25LC512 Datasheet HTML 1Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 2Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 3Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HT25LC512
CMOS 64K´8-Bit SPI Serial OTP EPROM
Block Diagram
Rev. 1.10
1
October 17, 2005
Features
· Operating voltage: 2.7V~3.6V
· Programming voltage
- V
PP=12.5V
±0.2V
- V
CC=6.0V
±0.2V
· 512K-bit OTP ROM, access command compatible
with AT25F512
· 64K´8-bit organization
· 12MHz max. clock frequency @VCC=2.7V
15MHz max. clock frequency @VCC=3.0V
· Serial interface architecture
· Serial Peripheral Interface (SPI) compatible - modes
0 and 3
· CMOS and TTL compatible inputs and outputs
· Pin assignment compatible with AT25F512
· Commercial temperature range (0°Cto+70°C)
· 8-pin SOP package
General Description
The HT25LC512 is a 512K-bit OTP ROM of which func-
tion and pin assignment are compatible with AT25F512
and can directly replace the AT25F512 for cost down
purposes when the memory in the system is just read
only. There are 512K bits of memory which are orga-
nized as 65536 words of 8 bits each. The HT25LC512
uses a serial interface to sequentially access its data.
The simple serial interface facilitates hardware layout,
increase system reliability, minimize switching noise,
and reduce package size and active pin count. The de-
vice is optimized for use in many commercial and indus-
trial applications where high density, low pin count, low
voltage, and low power consumption are essential. The
device operates at clock frequencies up to 10MHZ.
The HT25LC512 is enabled through the chip select pin
(CS) and accessed via a three-wire interface consisting
of the Serial Input (SI), Serial Output (SO), and the Se-
rial Clock (SCK). The HOLD pin may be used to sus-
pend any serial communication without resetting the
serial sequence.
X - a d d r
Y - a d d r
C E
O E
V P P
O T P R O M
S t a t e
C o n t r o l
I D
R e g i s t e r
P I S O
R e g i s t e r
S C L K
C S
S O
O u t p u t
M U X
S t a t u s
R e g i s t e r
S I P O
R e g i s t e r
C S
S I
S C L K
C S
S I
S C L K
C l o c k
G e n e r a t o r
S C K
H O L D
Technical Document
· Tools Information
· FAQs
· Application Note


Similar Part No. - HT25LC512

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT25LC512 HOLTEK-HT25LC512 Datasheet
175Kb / 11P
CMOS 64K x 8-Bit SPI Serial OTP EPROM
June 14, 2004
HT25LC512 HOLTEK-HT25LC512_04 Datasheet
175Kb / 11P
CMOS 64K x 8-Bit SPI Serial OTP EPROM
June 14, 2004
More results

Similar Description - HT25LC512

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
285Kb / 11P
OTP CMOS 128Kx 8-Bit EPROM
November 21, 2002
HT27C020 HOLTEK-HT27C020 Datasheet
286Kb / 11P
OTP CMOS 256Kx 8-Bit EPROM
10th May 99
HT27C512 HOLTEK-HT27C512 Datasheet
257Kb / 10P
OTP CMOS 64Kx 8-Bit EPROM
6th May 99
HT27LC020 HOLTEK-HT27LC020 Datasheet
203Kb / 15P
OTP CMOS 256Kx 8-Bit EPROM
December 8, 2003
HT27LC512 HOLTEK-HT27LC512 Datasheet
258Kb / 10P
OTP CMOS 64Kx 8-Bit EPROM
6th May 99
logo
Macronix International
MX27C512 MCNIX-MX27C512 Datasheet
759Kb / 15P
512K-BIT [64Kx8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
December 8, 2003
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
November 21, 2002
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
CMOS 512K 8-Bit OTP EPROM
December 8, 2003
HT25LC512 HOLTEK-HT25LC512_04 Datasheet
175Kb / 11P
CMOS 64K x 8-Bit SPI Serial OTP EPROM
June 14, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com