Electronic Components Datasheet Search
  English  ▼

X  

2700921 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2700921
Description  Easy installation, low installation depth, and compact design
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2700921 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2700921 Datasheet HTML 1Page - PHOENIX CONTACT 2700921 Datasheet HTML 2Page - PHOENIX CONTACT 2700921 Datasheet HTML 3Page - PHOENIX CONTACT 2700921 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2700921
09/03/2014   Page 1 / 4
Touch panel - TP 3121T - 2700921
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Touch panel with 30.7 cm (12.1") graphics-capable TFT display, 65,535 colors, 800 x 600 pixels,
1 x Ethernet, 2 x USB, and integrated runtime of the Visu+ visualization software.
Product Features
 Easy installation, low installation depth, and compact design
 Short startup time
 Visu+ RT and AX OPC server integrated as standard in all devices
 Display available in sizes from 14.5 cm (5.7") to 30.7 cm (12")
 Can be extended with external CF card
 Can be extended with external CF card
 Energy efficient due to LED backlighting
Key commercial data
Packing unit
1 pc
Custom tariff number
84714100
Country of origin
Germany
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
External dimension, width
340 mm
External dimension, height
270 mm
External dimension, depth
5 mm
Note regarding external dimension
Dimensions of the front plate
Installation dimension, width
315 mm
Installation dimension, height
243.5 mm
Note regarding installation dimension
65 mm, approximately with fieldbus interface
Display


Similar Part No. - 2700921

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700906 PHOENIX-2700906 Datasheet
56Kb / 4P
Easy installation, low installation depth, and compact design
2700911 PHOENIX-2700911 Datasheet
56Kb / 4P
Easy installation, low installation depth, and compact design
2700913 PHOENIX-2700913 Datasheet
56Kb / 4P
Visu RT and AX OPC server integrated as standard in all devices
2700916 PHOENIX-2700916 Datasheet
56Kb / 4P
Easy installation, low installation depth, and compact design
2700948 PHOENIX-2700948 Datasheet
50Kb / 2P
Engineering tool used to create web visualizations for all controllers with integrated web server
More results

Similar Description - 2700921

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
P1177S-871 AXIOMTEK-P1177S-871_16 Datasheet
377Kb / 2P
Easy installation: Less screw design for users convenience
logo
Taoglas antenna solutio...
GSA.8821.A.301721 TAOGLAS-GSA.8821.A.301721 Datasheet
1Mb / 9P
Low profile for easy installation
GSA.8821.B.301111 TAOGLAS-GSA.8821.B.301111 Datasheet
622Kb / 14P
Low profile for easy installation
GSA.8827R.A.101111 TAOGLAS-GSA.8827R.A.101111 Datasheet
854Kb / 12P
Low profile for easy installation
logo
PHOENIX CONTACT
2701555 PHOENIX-2701555 Datasheet
53Kb / 3P
Easy installation, low installation depth, and compact design
2400163 PHOENIX-2400163 Datasheet
48Kb / 3P
Easy installation, low installation depth, and compact design
2400453 PHOENIX-2400453 Datasheet
68Kb / 6P
Easy installation, low installation depth, and compact design
2700906 PHOENIX-2700906 Datasheet
56Kb / 4P
Easy installation, low installation depth, and compact design
2700911 PHOENIX-2700911 Datasheet
56Kb / 4P
Easy installation, low installation depth, and compact design
2700916 PHOENIX-2700916 Datasheet
56Kb / 4P
Easy installation, low installation depth, and compact design
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com