Electronic Components Datasheet Search
  English  ▼

X  

2700921 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2700921
Description  Easy installation, low installation depth, and compact design
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2700921 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2700921 Datasheet HTML 1Page - PHOENIX CONTACT 2700921 Datasheet HTML 2Page - PHOENIX CONTACT 2700921 Datasheet HTML 3Page - PHOENIX CONTACT 2700921 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/2700921
09/03/2014   Page 2 / 4
Touch panel - TP 3121T - 2700921
Technical data
Display
Display
30.7 cm/12.1" TFT
Resolution
800 x 600 Pixel (SVGA)
Backlighting
LED
Display backlight MTBF
50000 h
Touch screen
Resistive industrial touch screen
Colors
65,536 colors
Computer data
Processor
Xscale® PXA320, 806 MHz
RAM
128 MB SDRAM
Mass storage
1 GB Flash
Interfaces
2x USB Host 1.1, 1x Compact Flash®
Optional interfaces
1x CF card, type I and II
Network
1 x Ethernet (10/100 Mbps), RJ45
Operating systems
Windows CE 6.0
Power supply unit
24 V DC ±20 %
Power consumption
16.8 VA
General
Mounting type
Installation in front plate
Weight
2500 g
Ambient conditions
Degree of protection
IP65 (front), IP20 (back)
Ambient temperature (operation)
0 °C ... 50 °C
Ambient temperature (storage/transport)
-25 °C ... 70 °C
Permissible humidity (operation)
20 % ... 85 % (non-condensing)
Permissible humidity (storage/transport)
20 % ... 85 % (non-condensing)
Vibration (operation)
DIN EN 60068-2-6
Shock
DIN EN 60068-2-27
Classifications
eCl@ss
eCl@ss 4.0
27330202
eCl@ss 4.1
27330202
eCl@ss 5.0
27242215
eCl@ss 5.1
27242304
eCl@ss 6.0
27242301



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com