Electronic Components Datasheet Search
  English  ▼

X  

PXAC241002FC-V1-R2 Datasheet(PDF) 1 Page - Cree, Inc

Part # PXAC241002FC-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2300 ??2400 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

PXAC241002FC-V1-R2 Datasheet(HTML) 1 Page - Cree, Inc

  PXAC241002FC-V1-R2 Datasheet HTML 1Page - Cree, Inc PXAC241002FC-V1-R2 Datasheet HTML 2Page - Cree, Inc PXAC241002FC-V1-R2 Datasheet HTML 3Page - Cree, Inc PXAC241002FC-V1-R2 Datasheet HTML 4Page - Cree, Inc PXAC241002FC-V1-R2 Datasheet HTML 5Page - Cree, Inc PXAC241002FC-V1-R2 Datasheet HTML 6Page - Cree, Inc PXAC241002FC-V1-R2 Datasheet HTML 7Page - Cree, Inc PXAC241002FC-V1-R2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. 02, 2018-10-04
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
ergoqhgorgn'
qpjgfq4po5g
Features
•
Broadband internal input and output matching
•
Asymmetric Doherty design
- Main: P1dB = 40 W Typ
- Peak: P1dB = 60 W Typ
•
Typical Pulsed CW performance, 2400 MHz, 28 V,
160 µsec pulse width, 10% duty cycle (Doherty
configuration)
- Output power at P1dB = 34 W
- Output power at P3dB = 81 W
- Efficiency = 53%
- Gain = 15.7 dB
•
Capable of handling 10:1 VSWR @28 V, 80 W (CW)
output power
•
Integrated ESD protection
•
Human Body Model class 1C (per ANSI/ESDA/
JEDEC JS-001)
•
Low thermal resistance
•
Pb-free and RoHS compliant
Description
The PXAC241002FC is a 100-watt LDMOS FET with an asymmetric
design, intended for use in multi-stantdard cellular power amplifier
applications in the 2300 to 2400 MHz frequency band. Features in-
clude dual-path design, input and output matching, high gain and a
thermally-enhanced package with earless flange. Manufactured with
Wolfspeed's advanced LDMOS process, this device provides excellent
thermal performance and superior reliability.
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty production test fixture)
VDD = 28 V, IDQ = 230 mA, VGS(PEAK) = 1.5 V, POUT = 15 W avg, ƒ = 2400 MHz, 3GPP signal, channel bandwidth = 3.84 MHz,
peak/average = 10 dB @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
14.8
15.5
—
dB
Drain Efficiency
D
43
45
—
%
Adjacent Channel Power Ratio
ACPR
—
–28
–26
dBc
Output PAR@0.01% CCDF
OPAR
7.0
7.6
—
dB
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
25
30
35
40
45
50
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
V
DD = 28 V, IDQ(main) = 230 mA,
VGS(peak) = 1.5 V, ƒ = 2400 MHz
3GPP WCDMA signal,
10 dB PAR, 3.84 MHz bandwidth
Gain
Efficiency
PAR @ 0.01% CCDF
c241002fc-gr1
PXAC241002FC
Thermally-Enhanced High Power RF LDMOS FET
100 W, 28 V, 2300 – 2400 MHz
PXAC241002FC
Package H-37248C-4


Similar Part No. - PXAC241002FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAC241702FC INFINEON-PXAC241702FC Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2300 ??2400 MHz
Rev. 02.1, 2016-06-22
logo
Cree, Inc
PXAC241702FC CREE-PXAC241702FC Datasheet
577Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2300 ??2400 MHz
logo
Infineon Technologies A...
PXAC241702FCV1R0 INFINEON-PXAC241702FCV1R0 Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2300 ??2400 MHz
Rev. 02.1, 2016-06-22
PXAC241702FCV1R0XTMA1 INFINEON-PXAC241702FCV1R0XTMA1 Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2300 ??2400 MHz
Rev. 02.1, 2016-06-22
PXAC241702FCV1R250 INFINEON-PXAC241702FCV1R250 Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2300 ??2400 MHz
Rev. 02.1, 2016-06-22
More results

Similar Description - PXAC241002FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF240101S INFINEON-PTF240101S Datasheet
243Kb / 12P
Thermally-Enhanced High Power RF LDMOS FET 10 W, 2400-2700 MHz
Rev. 05, 2007-04-12
PXAC261002FC INFINEON-PXAC261002FC Datasheet
162Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2490 ??2690 MHz
Rev. 03.3, 2016-06-15
PXAC241702FC INFINEON-PXAC241702FC Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2300 ??2400 MHz
Rev. 02.1, 2016-06-22
PTFC210202FC INFINEON-PTFC210202FC_16 Datasheet
655Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 ??2200 MHz
Rev. 03.4, 2016-06-22
PTAC240502FC INFINEON-PTAC240502FC_16 Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 ??2400 MHz
Rev. 02.3, 2016-06-21
logo
Cree, Inc
PXAC241702FC CREE-PXAC241702FC Datasheet
577Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2300 ??2400 MHz
PXAC261002FC CREE-PXAC261002FC Datasheet
634Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2490 ??2690 MHz
PTAC240502FC CREE-PTAC240502FC Datasheet
606Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 ??2400 MHz
PTFC210202FC CREE-PTFC210202FC Datasheet
700Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 - 2200 MHz
logo
WOLFSPEED, INC.
PTAC240502FC_V1 WOLFSPEED-PTAC240502FC_V1 Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 – 2400 MHz
Rev. 05, 2023-06-28
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com