Electronic Components Datasheet Search
  English  ▼

X  

PXAC241002FC-V1-R2 Datasheet(PDF) 5 Page - Cree, Inc

Part # PXAC241002FC-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2300 ??2400 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

PXAC241002FC-V1-R2 Datasheet(HTML) 5 Page - Cree, Inc

  PXAC241002FC-V1-R2 Datasheet HTML 1Page - Cree, Inc PXAC241002FC-V1-R2 Datasheet HTML 2Page - Cree, Inc PXAC241002FC-V1-R2 Datasheet HTML 3Page - Cree, Inc PXAC241002FC-V1-R2 Datasheet HTML 4Page - Cree, Inc PXAC241002FC-V1-R2 Datasheet HTML 5Page - Cree, Inc PXAC241002FC-V1-R2 Datasheet HTML 6Page - Cree, Inc PXAC241002FC-V1-R2 Datasheet HTML 7Page - Cree, Inc PXAC241002FC-V1-R2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PXAC241002FC
Rev. 02, 2018-10-04
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
5
Reference Circuit Assembly
DUT
PXAC241002FC V1
Test Fixture Part No.
LTA/PXAC241002FC V1
PCB
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper,
r = 3.66
Reference Circuit, 2300 – 2400 MHz
Reference circuit assembly diagram (not to scale)
Components Information for Circuit Assembly
Component
Description
Manufacturer
P/N
Input
C101, C105, C106, C108
Capacitor, 18 pF
ATC
ATC600F180JW250T
C102, C103, C107
Capacitor, 0.5 pF
ATC
ATC600F0R5CW250T
C104, C109
Capacitor, 10 µF, 50 V
Taiyo Yuden
UMK325C7106MM-T
R101, R102
Resistor, 10
Panasonic Electronic Components
ERJ-3GEYJ100V
R103
Resistor, 50
Anaren
C8A50Z4A
U1
Hybrid coupler
Anaren
1P603AS
table continued next page
px ac 2 4 10 0 2 f c _C D _2 0 1 7 - 9 - 2 6 - bn
PXAC241002FC_OUT_02
RO4350, 20 MIL
PXAC241002FC_IN_02
C201
C203
C202
C205
C206
C209
C207
C208
C213
C212
C211
C105
R101
C103
C101
C102
C104
C106
R103
C107
R102
C108
C109
RF_IN
VDD
VGS(peak)
VGS(main)
RF_OUT
U1
RO4350, 20 MIL
C204
C210
VDD
C214



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com