Electronic Components Datasheet Search
  English  ▼

X  

M2P Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # M2P
Description  Large Rectangular-bodied Indicators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M2P Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button M2P Datasheet HTML 5Page - Omron Electronics LLC M2P Datasheet HTML 6Page - Omron Electronics LLC M2P Datasheet HTML 7Page - Omron Electronics LLC M2P Datasheet HTML 8Page - Omron Electronics LLC M2P Datasheet HTML 9Page - Omron Electronics LLC M2P Datasheet HTML 10Page - Omron Electronics LLC M2P Datasheet HTML 11Page - Omron Electronics LLC M2P Datasheet HTML 12Page - Omron Electronics LLC M2P Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
M2P
9
Ordering Information
Accessories
Accessories are the same as those for the A3P Lighted Pushbutton
Switches. Refer to the A3P.
LED and Incandescent Lamp Ratings and
Characteristics
Ratings and characteristics the same as those for the A3P Lighted
Pushbutton Switches. Refer to the A3P.
Approved Standard Ratings
UL (File No. E41515), CSA (File No. LR45258)
LED: 24 VDC max.
Incandescent lamp: 28 VAC/VDC,1.2 W max.
Note: Certification has been obtained for the Indicator.
For detailed information on individual products that have received
certification, consult your supplier.
Nomenclature
Construction
LED-lighted models
LED-lighted models
LED lamp-lighted models
Incandescent
lamp-lighted models
Cap
(transparent)
Legend plate
(transparent)
Colored plate
LED Unit
Built-in
LED
Chameleon models (full screen
illumination in one of three colors)
Cap
(transparent)
Legend plate
(transparent)
LED Unit
3-color emitter
Colored plate
Cap
(transparent)
Legend plate *
(transparent)
Colored plate
Lamp holder
Display
Lamp
Socket
●Display Colors:
· LED-lighted and LED
lamp-lighted models
White, Red, Green, Orange
· Incandescent lamp-lighted models
White, Red, Green, Blue, Orange
* Incandescent lamp-lighted
M2PT models do not contain
legend plates.
●Case Color
Select either black or light gray
to suit your panel design. (The
round M2PT models are available
in light gray only.)
(Split-screen models
contain light baffles.)
Lighting
method
LED-lighted models
(LED is built-in.)
LED lamp-lighted models
(LED is not built-in.)
Incandescent lamp-lighted models
(Incandescent lamp is not built-in.)
Models
M2PJ
M2PA
M2PJ
M2PA
M2PT
M2PJ
M2PA
M2PT
Screen pat-
tern
Single
screen
Single
screen
Single
screen
Vertical 3-split
screen
Single
screen
Single
screen
Single
screen
Vertical 3-split
screen
Single
screen
Single
screen
Horizontal 2-
split screen
Horizontal 2-
split screen
Horizontal 2-
split screen
Horizontal 3-
split screen
Horizontal
2-split
screen
Horizontal 2-
split screen
Horizontal 3-
split screen
Horizontal
2-split
screen
Chameleon
(3-color)
Chameleon
(3-color)
Vertical 2-
split screen
4-split
screen
Vertical 2-
split screen
4-split
screen
Note: The above diagram for LED lamp-lighted and incandescent lamp-lighted models shows the M2PJ model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com