Electronic Components Datasheet Search
  English  ▼

X  

M2P Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # M2P
Description  Large Rectangular-bodied Indicators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M2P Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button M2P Datasheet HTML 7Page - Omron Electronics LLC M2P Datasheet HTML 8Page - Omron Electronics LLC M2P Datasheet HTML 9Page - Omron Electronics LLC M2P Datasheet HTML 10Page - Omron Electronics LLC M2P Datasheet HTML 11Page - Omron Electronics LLC M2P Datasheet HTML 12Page - Omron Electronics LLC M2P Datasheet HTML 13Page - Omron Electronics LLC M2P Datasheet HTML 14Page - Omron Electronics LLC M2P Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
M2P
11
Dimensions
(Unit: mm)
Note: Use a panel thickness of 0.5 mm for tab terminals #110 and solder terminals.
Accessory Mounting Dimensions
Dimensions for mounting accessories are the same as those for the A3P Lighted Pushbutton Switches. Refer to the A3P.
2.8
#110 quick connect terminal
/soldered terminal
OMRON logo
26.1
29.9±0.2
25±0.1
32±0.1
18.9
6.7
43.6
52 max.
22.9±0.2
0.5
M2PJ (Rectangular) Models
OMRON logo
#110 quick connect terminal
/soldered terminal
22
43.6
22.9±0.2
6.7
52 max.
@19.1
25±0.1
25±0.1
M2PA (Square) Models
22.4 28.5 dia.
OMRON logo
23.8
43.6
32 dia.
24.9 dia.
6.4
52 max.
#110 quick connect terminal/soldered terminal
M2PT (Round) Models



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com