Electronic Components Datasheet Search
  English  ▼

X  

MAX9718B Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9718B
Description  Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9718B Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9718B Datasheet HTML 1Page - Maxim Integrated Products MAX9718B Datasheet HTML 2Page - Maxim Integrated Products MAX9718B Datasheet HTML 3Page - Maxim Integrated Products MAX9718B Datasheet HTML 4Page - Maxim Integrated Products MAX9718B Datasheet HTML 5Page - Maxim Integrated Products MAX9718B Datasheet HTML 6Page - Maxim Integrated Products MAX9718B Datasheet HTML 7Page - Maxim Integrated Products MAX9718B Datasheet HTML 8Page - Maxim Integrated Products MAX9718B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
General Description
The MAX9718/MAX9719 differential input audio power
amplifiers are ideal for portable audio devices with
internal speakers. The differential input structure
improves noise rejection and provides common-mode
rejection. A bridge-tied load (BTL) architecture mini-
mizes external component count, while providing high-
quality, power audio amplification. The MAX9718 is a
single-channel amplifier while the MAX9719 is a dual-
channel amplifier for stereo systems. Both devices
deliver 1.4W continuous average power per channel to
a 4
Ω load with less than 1% THD+N while operating
from a single +5V supply. The devices are available as
adjustable gain amplifiers or with internally fixed gains
of 0dB, 3dB, and 6dB to reduce component count.
A shutdown input disables the bias generator and
amplifiers and reduces quiescent current consumption
to less than 100nA. The MAX9718 shutdown input can
be set as active high or active low. These devices fea-
ture Maxim’s comprehensive click-and-pop suppres-
sion circuitry that reduces audible clicks and pops
during startup and shutdown.
The MAX9718 is pin compatible with the LM4895,
and is available in 9-bump UCSP™, 10-pin TDFN, and
10-pin µMAX packages. The MAX9719 is available in
16-pin TQFN, 16-pin TSSOP, and 16-bump UCSP pack-
ages. Both devices operate over the -40°C to +85°C
extended temperature range.
Applications
Mobile Phones
PDAs
Portable Devices
Features
o 2.7V to 5.5V Single-Supply Operation
o Very High -93dB PSRR at 217Hz
o 1.4W into 4Ω at 1% THD+N (per Channel)
o Differential Input
o Internal Fixed Gain to Reduce Component Count
o Adjustable Gain Option (MAX9718A/MAX9719A)
o 100nA Low-Power Shutdown Mode
o No Audible Clicks or Pops at Power-Up/Down
o Improved Performance Pin-Compatible Upgrade
to LM4895 (MAX9718D)
Low-Cost, Mono/Stereo,
1.4W Differential Audio Power Amplifiers
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
MAX9719
SINGLE SUPPLY
2.7V TO 5.5V
SHDN
INL+
INL-
INR+
INR-
MAX9718
SINGLE SUPPLY
2.7V TO 5.5V
SHDM
SHDN
IN+
OUT+
OUT-
OUTR-
OUTR+
OUTL-
OUTL+
IN-
Simplified Block Diagram
19-3050; Rev 0; 10/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information continued at end of data sheet.
Pin Configurations appear at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
PART
TEMP
RANGE
PIN-
PACKAGE
GAIN
(dB)
MAX9718AEBL-T* -40°C to +85°C 3 x 3 UCSP
Adj
MAX9718AETB*
-40°C to +85°C 10 TDFN-EP**
Adj
MAX9718AEUB
-40°C to +85°C 10 µMAX-EP**
Adj
*Future product—contact factory for availability.
**EP = Exposed paddle.


Similar Part No. - MAX9718B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX9718B AD-MAX9718B Datasheet
856Kb / 27P
Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7 4/10
logo
Maxim Integrated Produc...
MAX9718BEBL+TG45 MAXIM-MAX9718BEBL+TG45 Datasheet
1Mb / 26P
Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
logo
Analog Devices
MAX9718BEBL+TG45 AD-MAX9718BEBL+TG45 Datasheet
856Kb / 27P
Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7 4/10
logo
Maxim Integrated Produc...
MAX9718BETB+T MAXIM-MAX9718BETB+T Datasheet
1Mb / 26P
Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
logo
Analog Devices
MAX9718BETB+T AD-MAX9718BETB+T Datasheet
856Kb / 27P
Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7 4/10
More results

Similar Description - MAX9718B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
logo
Analog Devices
AD74111 AD-AD74111 Datasheet
344Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV.0
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
MAX9718 MAXIM-MAX9718_10 Datasheet
1Mb / 26P
Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
MAX9716 MAXIM-MAX9716_12 Datasheet
450Kb / 21P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
logo
Analog Devices
AD74111YRUZ-REEL AD-AD74111YRUZ-REEL Datasheet
214Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ AD-AD74111YRUZ Datasheet
214Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_17 Datasheet
282Kb / 21P
Low Cost, Low Power Mono Audio Codec
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com