Electronic Components Datasheet Search
  English  ▼

X  

MAX9718B Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX9718B
Description  Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9718B Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX9718B Datasheet HTML 9Page - Maxim Integrated Products MAX9718B Datasheet HTML 10Page - Maxim Integrated Products MAX9718B Datasheet HTML 11Page - Maxim Integrated Products MAX9718B Datasheet HTML 12Page - Maxim Integrated Products MAX9718B Datasheet HTML 13Page - Maxim Integrated Products MAX9718B Datasheet HTML 14Page - Maxim Integrated Products MAX9718B Datasheet HTML 15Page - Maxim Integrated Products MAX9718B Datasheet HTML 16Page - Maxim Integrated Products MAX9718B Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Low-Cost, Mono/Stereo,
1.4W Differential Audio Power Amplifiers
______________________________________________________________________________________
13
PART
TEMP
RANGE
PIN-
PACKAGE
GAIN
(dB)
MAX9718BEBL-T* -40°C to +85°C3 x 3 UCSP
0
MAX9718BETB
-40°C to +85°C 10 TDFN-EP**
0
MAX9718BEUB
-40°C to +85°C 10 µMAX-EP**
0
MAX9718CEBL-T* -40°C to +85°C3 x 3 UCSP
3
MAX9718CETB
-40°C to +85°C 10 TDFN-EP**
3
MAX9718CEUB
-40°C to +85°C 10 µMAX-EP**
3
MAX9718DEBL-T* -40°C to +85°C3 x 3 UCSP
6
MAX9718DETB
-40°C to +85°C 10 TDFN-EP**
6
MAX9718DEUB
-40°C to +85°C 10 µMAX-EP**
6
MAX9719AEBE-T* -40°C to +85°C4 x 4 UCSP
Adj
MAX9719AETE
-40°C to +85°C 16 TQFN-EP**
Adj
MAX9719AEAE*
-40°C to +85°C 16 TSSOP-EP**
Adj
MAX9719BEBE-T* -40°C to +85°C4 x 4 UCSP
0
MAX9719BETE
-40°C to +85°C 16 TQFN-EP**
0
MAX9719BEAE*
-40°C to +85°C 16 TSSOP-EP**
0
MAX9719CEBE-T* -40°C to +85°C4 x 4 UCSP
3
MAX9719CETE
-40°C to +85°C 16 TQFN-EP**
3
MAX9719CEAE*
-40°C to +85°C 16 TSSOP-EP**
3
MAX9719DEBE-T* -40°C to +85°C4 x 4 UCSP
6
MAX9719DETE
-40°C to +85°C 16 TQFN-EP**
6
MAX9719DEAE*
-40°C to +85°C 16 TSSOP-EP**
6
Ordering Information (continued)
Chip Information
MAX9718 TRANSISTOR COUNT: 2359
MAX9719 TRANSISTOR COUNT: 4447
PROCESS: BiCMOS
UCSP Marking Information:
*Future product—contact factory for availability.
**EP = Exposed paddle.
AAA
XXX
I: A1 Bump indicator
AAA: Product code
XXX: Lot code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com