Electronic Components Datasheet Search
  English  ▼

X  

MAX9718BEUB Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX9718BEUB
Description  Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9718BEUB Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX9718BEUB Datasheet HTML 13Page - Maxim Integrated Products MAX9718BEUB Datasheet HTML 14Page - Maxim Integrated Products MAX9718BEUB Datasheet HTML 15Page - Maxim Integrated Products MAX9718BEUB Datasheet HTML 16Page - Maxim Integrated Products MAX9718BEUB Datasheet HTML 17Page - Maxim Integrated Products MAX9718BEUB Datasheet HTML 18Page - Maxim Integrated Products MAX9718BEUB Datasheet HTML 19Page - Maxim Integrated Products MAX9718BEUB Datasheet HTML 20Page - Maxim Integrated Products MAX9718BEUB Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Low-Cost, Mono/Stereo,
1.4W Differential Audio Power Amplifiers
______________________________________________________________________________________
17
1
2
3
4
5
10
9
8
7
6
OUT+
VCC
A
123
B
C
SHDN
SHDM
BIAS
OUT+
GND
OUT-
IN-
VCC
IN+
N.C.
GND
IN+
SHDM
IN-
SHDN
µMAX
3
× 3 UCSP
TOP VIEW
TOP VIEW
(BUMPS ON BOTTOM)
OUT-
BIAS
MAX9718
MAX9718
1
2
3
4
5
10
9
8
7
6
OUT+
VCC
N.C.
GND
IN+
SHDM
IN-
SHDN
3mm
× 3mm × 0.8mm TDFN
4mm
× 4mm × 0.8mm TQFN
TOP VIEW
OUT-
BIAS
MAX9718
MAX9719
16
1
2
3
4
12
11
10
9
15
14
13
56
7
8
OUTR+
GND
OUTL-
SHDN
INR+
INL-
INL+
GND
TOP VIEW
TOP VIEW
MAX9719
A
123
4
B
C
D
GND
GND
BIAS
GND
OUTL-
OUTR+
SHDN
OUTL+
OUTR-
INR+
INL-
VCC
VCC
INL+
4
× 4 UCSP
TOP VIEW
(BUMPS ON BOTTOM)
MAX9719
INR-
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
OUTR-
VCC
N.C.
OUTR+
GND
OUTL-
SHDN
VCC
OUTL+
TSSOP-EP
INR-
GND
INL+
INR+
INL-
BIAS
GND
Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com