Electronic Components Datasheet Search
  English  ▼

X  

MAX9718BEUB Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX9718BEUB
Description  Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9718BEUB Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX9718BEUB Datasheet HTML 15Page - Maxim Integrated Products MAX9718BEUB Datasheet HTML 16Page - Maxim Integrated Products MAX9718BEUB Datasheet HTML 17Page - Maxim Integrated Products MAX9718BEUB Datasheet HTML 18Page - Maxim Integrated Products MAX9718BEUB Datasheet HTML 19Page - Maxim Integrated Products MAX9718BEUB Datasheet HTML 20Page - Maxim Integrated Products MAX9718BEUB Datasheet HTML 21Page - Maxim Integrated Products MAX9718BEUB Datasheet HTML 22Page - Maxim Integrated Products MAX9718BEUB Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Low-Cost, Mono/Stereo,
1.4W Differential Audio Power Amplifiers
______________________________________________________________________________________
19
PROPRIETARY INFORMATION
TITLE:
APPROVAL
DOCUMENT CONTROL NO.
REV.
2
1
PACKAGE OUTLINE, 6, 8 & 10L,
TDFN, EXPOSED PAD, 3x3x0.80 mm
21-0137
D
L
C
L
C
SEMICONDUCTOR
DALLAS
A2
A
PIN 1
INDEX
AREA
D
E
A1
D2
b
E2
[(N/2)-1] x e
REF.
e
k
1
N
1
L
e
L
A
L
PIN 1 ID
C0.35
DETAIL A
e
NUMBER OF LEADS SHOWN ARE FOR REFERENCE ONLY
DOCUMENT CONTROL NO.
APPROVAL
TITLE:
PROPRIETARY INFORMATION
REV.
2
2
COMMON DIMENSIONS
SYMBOL
MIN.
MAX.
A
0.70
0.80
D
2.90
3.10
E
2.90
3.10
A1
0.00
0.05
L
0.20
0.40
PKG. CODE
6
N
T633-1
1.50–0.10
D2
2.30–0.10
E2
0.95 BSC
e
MO229 / WEEA
JEDEC SPEC
0.40–0.05
b
1.90 REF
[(N/2)-1] x e
1.50–0.10
MO229 / WEEC
1.95 REF
0.30–0.05
0.65 BSC
2.30–0.10
T833-1
8
PACKAGE VARIATIONS
21-0137
0.25–0.05
2.00 REF
MO229 / WEED-3
0.50 BSC
1.50–0.10
2.30–0.10
10
T1033-1
0.25 MIN.
k
A2
0.20 REF.
D
SEMICONDUCTOR
DALLAS
PACKAGE OUTLINE, 6, 8 & 10L,
TDFN, EXPOSED PAD, 3x3x0.80 mm
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information
go to www.maxim-ic.com/packages.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com