Electronic Components Datasheet Search
  English  ▼

X  

MSK4400S Datasheet(PDF) 5 Page - M.S. Kennedy Corporation

Part # MSK4400S
Description  10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4400S Datasheet(HTML) 5 Page - M.S. Kennedy Corporation

  MSK4400S Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4400S Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4400S Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4400S Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4400S Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our websit for the most recent revision of this datasheet.
MECHANICAL SPECIFICATIONS
Rev. E 6/01
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, N.Y. 13088
Phone (315) 701-6751
FAX (315) 701-6752
www.mskennedy.com
Screening Level
Part
Number
MSK4400S
Industrial
ORDERING INFORMATION
NOTE: ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
Lead
Option
Straight
MSK4400D
MSK4400U
Down
Up
Industrial
Industrial



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com