Electronic Components Datasheet Search
  English  ▼

X  

MSK4400S Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4400S
Description  10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4400S Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4400S Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4400S Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4400S Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4400S Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4400S Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4707 Dey Road Liverpool, M/Y. 13088
(315) 701-6751
M.S.KENNEDY CORP.
4400
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
1
2
3
4
5
6
7
8
9
10
10 AMP, 75V, 3 PHASE MOSFET
BRIDGE WITH INTELLIGENT
INTEGRATED GATE DRIVE
20
19
18
17
16
15
14
13
12
11
N/C
N/C
N/C
BH
BL
AL
AH
GND
SWR
VBIAS
3 Phase Brushless DC
Servo Control
Fin Actuator Control
Gimbal Control
3 Phase AC
Induction Motor Control
HVAC Blower Control
ISO 9001 CERTIFIED BY DSCC
1
Rev. E 6/01
FEATURES:
DESCRIPTION:
75 Volt Motor Supply Voltage
10 Amp Output Switch Capability, All N-Channel MOSFET Output Bridge
100% Duty Cycle High Side Conduction Capable
Suitable for PWM Applications from DC to 100KHz
Shoot-Through/Cross Conduction Protection
Undervoltage Lockout Protection
Programmable Dead-Time Control
Low Active Enable for Bridge Shutdown Control
Isolated Base Plate Design for High Voltage Isolation Plus Good Thermal Transfer
The MSK 4400 is a 3 phase MOSFET bridge plus drivers in a convenient isolated baseplate package. The
module is capable of 10 amps of output current and 75 volts of DC bus voltage. It has a full line of protection features,
including undervoltage lockout protection of the bias voltage, cross conduction control and a user programmable dead-time
control for shoot-through elimination. In addition, the bridge may be shut down by using the ENABLE control. The MSK
4400 provides good thermal conductivity for the MOSFETs due to an isolated plate design that allows direct heat sinking of
the device without insulators.
EQUIVALENT SCHEMATIC
BO
BO
CV+
CV+
CO
CO
N/C
CH
CL
EN
AV+
AV+
AO
AO
RSENSE
RSENSE
BV+
BV+
28
27
26
25
24
23
22
21


Similar Part No. - MSK4400S

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4400 MSK-MSK4400_15 Datasheet
117Kb / 5P
10 Amp Output Switch Capability, All N-Channel MOSFET Output Bridge
More results

Similar Description - MSK4400S

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4300 MSK-MSK4300 Datasheet
268Kb / 5P
10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4301 MSK-MSK4301 Datasheet
311Kb / 5P
29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4363 MSK-MSK4363 Datasheet
253Kb / 7P
10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4227S MSK-MSK4227S Datasheet
214Kb / 4P
200 VOLT 20 AMP MOSFET H-BRIDGE WITH GATE DRIVE GATE DRIVE
MSK4401S MSK-MSK4401S Datasheet
244Kb / 5P
29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4301 MSK-MSK4301_15 Datasheet
760Kb / 6P
PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
logo
Anaren Microwave
MSK4401 ANAREN-MSK4401 Datasheet
133Kb / 5P
29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4301 ANAREN-MSK4301 Datasheet
760Kb / 6P
29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4300 ANAREN-MSK4300 Datasheet
131Kb / 5P
10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4363 ANAREN-MSK4363 Datasheet
196Kb / 7P
10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com